Electronic Components Datasheet Search
  English  ▼

X  

BCS Datasheet(PDF) 3 Page - XP Power Limited

Part # BCS
Description  DC Standby System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

BCS Datasheet(HTML) 3 Page - XP Power Limited

  BCS Datasheet HTML 1Page - XP Power Limited BCS Datasheet HTML 2Page - XP Power Limited BCS Datasheet HTML 3Page - XP Power Limited BCS Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCS155
Models and Ratings
Notes
1. Total power must not exceed the output power rating.
Mechanical Details
Notes
1. All dimensions in inches (mm).
2. BCS-C CN2 Mating Part JST XHP-3 housing, SXH-001 T-P0.6 crimps
or equivalent.
3. BCS-CA CN2 mating part JST XHP-4 housing, SXH-001
T-P0.6 crimps or equivalent.
4. For correct operation of the internal battery fuse, the BAT- terminal should not
be connected to earth or -Vout Com.
7.05 (179.0)
6.71 (170.5)
2.56 (65.0)
56.0
(2.20)
38.0
(1.5)
0.26 (6.5)
ø0.14 (ø3.5)
0.35
(9.0)
0.35
(9.0)
0.20 (5.00)
ø0.14 (ø3.5)
0.20
(5.00)
1
V.Adj
3.86
(98.0)
1.38
(35.0)
0.27 (6.75)
2-M4
0.71
(18.0)
0.52
(13.15)
0.77
(19.5)
4.61 (117.0)
1.57 (4.0)
3-M3
51.5 (2.03)
6.77 (172.0)
CN2
CN1 - Input/Output Connector
Pin
Function
Pin
Function
1
Line
5
+Vout
2
Neutral
6
BAT+
3
FG
7
BAT-
4
-Vout Com
8
+5V
(-A versions only)
CN2 - Alarm Connector for BCS, BCS-C
Pin
Function
1
AC OK
2
BAT LOW
3
13.8 V/20 mA or 27.6 V/20 mA
(Output voltage dependant)
CN2 - Alarm Connector for BCS-A, BCS-CA
Pin
Function
1 2
AC OK
3 4
BAT LOW
Derating Curves
-20
0
10
20
30
40
50
70
20
40
60
80
100
60
Ambient Temperature (°C)
(Horizontal)
Load vs Temp.
Output Power
Output 1
Output 2
Output 3
Efficiency
Model Number
Voltage
Current(1)
Voltage
Current(1)
Voltage
Current(1)
155 W
13.8 V
11.2 A
13.8 V
3.88 A
86%
BCS155PS13-C
27.6 V
5.6 A
27.6 V
2.10 A
86%
BCS155PS27-C
13.8 V
10.1 A
13.8 V
3.88 A
5.0 V
3.0 A
85%
BCS155PS13-CA
27.6 V
5.1 A
27.6 V
2.10 A
5.0 V
3.0 A
85%
BCS155PS27-CA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com