Electronic Components Datasheet Search
  English  ▼

X  

SSSF121900 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSF121900
Description  Large-size general purpose type well established in various fields
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSF121900 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSF121900 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSF121900 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSF121900 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSF121900 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSF121900 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSF121900 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
103
103
SSSF 8.5(H)mm, 2mm-travel Type
Large-size general purpose type well established
in various fields
SSSF141300
Japan
Export
Product Line
1
2
4
1
2
4
2
3
2
2
3
3
2
2
3
6
9
6
9
6
9
6
9
6
9
6
9
6
9
6
9
Vertical
Horizontal
1
2
3
4
5
6
7
8
9
10
Poles Positions
Actuator
direction
2
Travel
(mm)
Snap-in
(t1.6)
Mounting
method
Actuator
length(mm)
Drawing No.
Non shorting
Changeover
timing
Manual,
Dip
Soldering
4,000
100
3,000
4,000
3,000
4,000
3,000
4,000
3,000
4,000
Minimum order unit(pcs.)
Products No.
SSSF011700
SSSF012100
SSSF014800
SSSF021500
SSSF021900
SSSF024800
SSSF025100
SSSF040800
SSSF111800
SSSF112500
SSSF114900
SSSF115300
SSSF121900
SSSF122400
SSSF125300
SSSF125800
SSSF141000
Please contact us for automotive use products.
Note
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 30V DC / 10μA 1V DC
Contact resistance
(Initial performance / After lifetime)
25mΩ max. / 65mΩ max.
Operating force
Refer to the dimensions.
Operating life
Without load
10,000 cycles
With load
10,000 cycles(0.1A 30V DC)
Refer to P.111 for soldering conditions.
Packing Specifications
Bulk
Products No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan 1 case / export packing
SSSF011700, SSSF012100
SSSF014800, SSSF021500
SSSF021900, SSSF024800
SSSF025100, SSSF040800
SSSF112500, SSSF115300
SSSF122400, SSSF125800
SSSF141000, SSSF141300
800
4,000
400×270×290
SSSF111800, SSSF114900
SSSF121900, SSSF125300
600
3,000


Similar Part No. - SSSF121900

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSF121900 ALPS-SSSF121900 Datasheet
317Kb / 5P
Slide Switch
More results

Similar Description - SSSF121900

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
Large Size Graphic Type LCD Module
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
Large Size Graphic Type LCD Module
logo
ALPS ELECTRIC CO.,LTD.
SSSS9 ALPS-SSSS9_15 Datasheet
1Mb / 8P
Mid-size general purpose type well established for user friendliness
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
Large-size general purpose type with various knobs
logo
TDK Electronics
B41605E0109M009 TDK-B41605E0109M009 Datasheet
50Kb / 2P
Snap-in, Multi Pin, Large Size Capacitors
B41605E0258M002 TDK-B41605E0258M002 Datasheet
53Kb / 2P
Snap-in, Multi Pin, Large Size Capacitors
B41605E0338M008 TDK-B41605E0338M008 Datasheet
52Kb / 2P
Snap-in, Multi Pin, Large Size Capacitors
B41605E0338M009 TDK-B41605E0338M009 Datasheet
50Kb / 2P
Snap-in, Multi Pin, Large Size Capacitors
B41605E5129M008 TDK-B41605E5129M008 Datasheet
52Kb / 2P
Snap-in, Multi Pin, Large Size Capacitors
B41605E5189M009 TDK-B41605E5189M009 Datasheet
50Kb / 2P
Snap-in, Multi Pin, Large Size Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com