Electronic Components Datasheet Search
  English  ▼

X  

CCM Datasheet(PDF) 1 Page - XP Power Limited

Part # CCM
Description  300 W Peak Rating for 500 ms
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCM Datasheet(HTML) 1 Page - XP Power Limited

  CCM Datasheet HTML 1Page - XP Power Limited CCM Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
250 Watts
•
250 W Convection Cooled
•
300 W Peak Rating for 500 ms
•
Very High Efficiency up to 95%
•
Class B Conducted & Radiated Emissions
•
80
275 VAC Operation
•
IT, Industrial & Medical Safety Approvals
•
3 Year Warranty
CCM Series
Input
Input Voltage
• 80-275 VAC (See derating curve)
Input Frequency
• 47-63 Hz
Input Current
• 2.4 A typical at 115 VAC, full load
1.2 A typical at 230 VAC, full load
Inrush Current
• 30 A max at 230 VAC, cold start at 25 °C
Power Factor
• >0.9
Earth Leakage Current
• 250 µA max at 264 VAC/60 Hz
Input Protection
• Internal T5.0 A/250 V fuse in line
and neutral
Output
Output Voltage
• 12-48 VDC (see tables)
Output Voltage Trim
• ±3% (see Mechanical Details)
Initial Set Accuracy
• ±0.5% V1, ±5% V2
Minimum Load
• No minimum load required
Start Up Delay
• 1 s typical
Start Up Rise Time
• 50 ms typical
Hold Up Time
• 16 ms min at 115 VAC
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5% max
Load Regulation
• ±1% V1, ±5% V2
Over/Undershoot
• 5% typical
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
(V1 only)
Overload Protection
• 125-165% Inom V1 only
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
Temperature
• 0.05%°C
Coefficient
Remote On/Off
• Uncommitted isolated optocoupler diode,
(Inhibit/Enable)
powered diode inhibits V1
xppower.com
General
Efficiency
• Up to 95%
Isolation
• 4000 VAC Input to Output, 1500 VAC Input
to Ground, 500 VAC Output to Ground
Switching Frequency
• PFC 30-500 kHz, Boost 25.6 kHz,
Main 51.2 kHz
Signals
• Power Fail - open collector, transistor off for
AC good, ≥5 ms warning of loss of output
MTBF
• 365 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -20 ˚C to +70 ˚C derate linearly from +50 °C
at 2.5%/°C to 50% load at +70 °C.
See derating curve and longform datasheet
for thermal considerations. (-40 °C consult
sales)
Cooling
• Convection cooled
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 kHz, 3 axes
EMC & Safety
Low Voltage PSU EMC
• EN61204-3, high severity level
Emissions
• EN55011/22 level B conducted
EN55011/22 level B radiated
RTCA D0160D 21.4 Cat. M radiated
MIL-STD 461D-F, CE102
Harmonic Currents
• EN61000-3-2, class A,
EN61000-3-2, class C for loads ≥40%
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A,
MIL-STD 461 CS114
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B,
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms, Perf Criteria
A, A, A, B - 230 VAC. Consult longform
datasheet for 115 V operation.
Safety Approvals
• See Safety Approvals (see next page)
Equipment Protection
• Class I
Class


Similar Part No. - CCM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCM 1620 ETC-CCM 1620 Datasheet
165Kb / 2P
Display Module
logo
TDK Electronics
CCM-0503SF TDK-CCM-0503SF Datasheet
193Kb / 11P
DC to DC Converters
CCM-0505SF TDK-CCM-0505SF Datasheet
193Kb / 11P
DC to DC Converters
CCM-0512DF TDK-CCM-0512DF Datasheet
193Kb / 11P
DC to DC Converters
CCM-0512SF TDK-CCM-0512SF Datasheet
193Kb / 11P
DC to DC Converters
More results

Similar Description - CCM

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
100 W Convection Rating, 150 W Forcedcooled Rating
logo
Pulse A Technitrol Comp...
H304 PULSE-H304 Datasheet
832Kb / 4P
RoHS peak reflow temperature rating 260C
H316 PULSE-H316 Datasheet
702Kb / 4P
RoHS peak reflow temperature rating: 245C
logo
Sangdest Microelectroni...
MB05S SMC-MB05S Datasheet
164Kb / 4P
Surge overload rating-30A peak
logo
Surge Components
SES5VT23-3 SURGE-SES5VT23-3 Datasheet
285Kb / 4P
300 Watts peak pulse power
logo
PHOENIX CONTACT
102154 PHOENIX-102154 Datasheet
120Kb / 6P
ELR W 3/9-400/FLK/PLC-MS 9 ELR W 3/9-500/FLK/PLC-MS 9
logo
Adels-Contact
122362M ADELS-122362M Datasheet
117Kb / 2P
500/ 2 31 MDS MS
logo
Guangdong Youtai Semico...
PESD5V0S2BT UMW-PESD5V0S2BT Datasheet
621Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD5V2S2UT UMW-PESD5V2S2UT Datasheet
492Kb / 4P
300 W peak pulse power (tp = 8/20μs)
PESD24VS2UT UMW-PESD24VS2UT Datasheet
555Kb / 4P
300 W peak pulse power (tp = 8/20μs)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com