Electronic Components Datasheet Search
  English  ▼

X  

DCM Datasheet(PDF) 1 Page - XP Power Limited

Part # DCM
Description  Open Frame Telecom DCDC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DCM Datasheet(HTML) 1 Page - XP Power Limited

  DCM Datasheet HTML 1Page - XP Power Limited DCM Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
60 100 Watts
•
Open Frame Telecom DC DC Converter
•
48 VDC Input
•
ETSI Compliant
•
NEBS Compliant
•
Convection cooled
•
High Power Density in 2 Small Package Sizes
•
Covered Versions Available
DCM Series
Input
Input Voltage Range
• 48 VDC nominal (36 - 75 VDC).
Can be configured as -48 VDC input (6)
Input Current
• DCM60: 1.5 A typical, 2.5 A max,
DCM100: 2.2 A typical. 3.5 A max.
Input Reverse Voltage
• Continuous protection with
Protection
automatic recovery
Input Transient
• Compliant with ETSI EN300 132:2003
Undervoltage Lockout
• 32 - 35V DC
Protection
Output
Output Voltage
• 12 V, see table
Output Voltage Trim
• ±10% via potentiometer
Minimum Load
• 5% minimum load required to meet all
specification parameters
Line Regulation
• ±0.5% of nominal with input variation of
36-75V DC
Load Regulation
• ±1% of nominal with load variation
5-100%
Setpoint Accuracy
• ±1% of nominal with 48V DC input
and 50% load
Turn-on Time
• 1 s typical from application of DC input
Transient Response
• <4% deviation with a 50-75-50% load
change at 1 A/µs. Output returns to within
1% in less than 500 µs
Ripple & Noise
• 1% max pk-pk 20MHz bandwidth,
0.1 µF capacitor connected across
measuring points (6)
Overvoltage Protection
• 115-135% of nominal,
recycle input DC to reset
Overcurrent Protection
• 105-150% of max current
Short Circuit Protection
• Continuous protection, trip and restart
(hiccup mode) characteristic (6)
Temperature
• 0.02%/°C (after 20 minute warm up)
Coefficient
xppower.com
General
Efficiency
• 85% typical
Isolation Voltage
• 1500 VDC Input to Output (basic
insulation), 1000 VDC Input to Ground,
500 VDC Output to Ground.
Switching Frequency
• 70 kHz typical
Power Density
• DCM60: 6.30 W/In3
DCM100: 7.40 W/In3
MTBF
• DCM60: 740 kHrs per MIL-HDBK-217F
DCM100: 540 kHrs per MIL-HDBK-217F
Environmental
Operating Temperature
• 0 °C to +50 °C with full load, derate
linearly to 50% load at 70 °C convection
cooled. 0°C to 60°C with full load, derate
linearly to 75% load at 70 °C with force
cooling 5CFM minimum (6)
Cooling
• Convection or forced cooled (6)
(see operating temperature)
Operating Humidity
• 0 to 95% RH non condensing. (1,3)
Storage Temperature
• -40 °C to +80 °C. (2,3)
Storage Humidity
• 0 to 95% RH non condensing.(2,3)
Operating Altitude
• 3000m.(3)
Shock
• ±3 shocks in each axis (total 18 shocks)
30g 11ms (half sine). (1,4)
Vibration
• 2g, 10 - 500Hz 10 sweeps. (1,5)
EMC & Safety
Emissions
• Compliant with EN61204-3 2000,
EN55022 class A conducted & radiated(7) ,
ETSI EN 300 132-2 2003, ETSI 300 386-1
1994, NEBS GR-1089-CORE issue 4
EFT/Burst
• Compliant with EN61000-4-4 level 1 Perf
Criteria A, ETSI 300 386-1 1994
Surge
• EN61000-4-5 level 1 Perf Criteria A,
Conducted Immunity
• Compliant with EN61000-4-6 level 2 Perf
Criteria A, ETSI 300 386-1 1994, NEBS
GR-1089-Core issue 4
Narrow & Wide
• ETSI EN 300 132-2 2003
Band Noise
Safety Approvals
• EN60950-1 2001 + A11 2004, UL60950-1
(2003), CSA-C22.2 No. 60950-1-03,
CB Report IEC60950-1:2001,
CE Marked to LVD (6)
Notes
1. Compliant with ETS 300 019-1-3 May 1992 + ammendment 1 June 1997 class 3.1.
2. Compliant with ETS 300 019-1-1 Feb 1992 class 1.1, ETS 300 019-1-2 Feb 1992 class 2.2.
3. Compliant with NEBS GR-63-Core issue 3.
4. Compliant with EN60068-2-27.
5. Compliant with EN60068-2-6.
6. For further product information, see longform datasheet.
7. For -48VDC class B operation , see longform datasheet.


Similar Part No. - DCM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
Isolated, Regulated DC-DC Converter Modules
logo
List of Unclassifed Man...
DCM ETC-DCM Datasheet
419Kb / 20P
Pressure switches and pressure monitors for overpressure
logo
Cooper Bussmann, Inc.
DCM-10 COOPER-DCM-10 Datasheet
233Kb / 1P
Midget Fuses, 600Vac/dc
logo
List of Unclassifed Man...
DCM-1031 ETC2-DCM-1031 Datasheet
920Kb / 3P
Electronically commutated BLDC motors. Featuring a single frame size, neodymium magnet technology
DCM-1035 ETC2-DCM-1035 Datasheet
920Kb / 3P
Electronically commutated BLDC motors. Featuring a single frame size, neodymium magnet technology
More results

Similar Description - DCM

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEO75 AIMTEC-AMEO75 Datasheet
312Kb / 2P
75 Watt (Open Frame) AC/DC Converter
AMEO125 AIMTEC-AMEO125 Datasheet
280Kb / 2P
125 Watt (Open Frame) AC/DC Converter
AMEO150 AIMTEC-AMEO150 Datasheet
328Kb / 2P
150 Watt (Open Frame) AC/DC Converter
logo
List of Unclassifed Man...
ASD07H-12S3 ETC1-ASD07H-12S3 Datasheet
781Kb / 3P
Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD15H ASTRODYNE-ASD15H_16 Datasheet
300Kb / 3P
Isolated and Regulated 15 WATT Open Frame DC/DC Converter
ASD150QV ASTRODYNE-ASD150QV Datasheet
310Kb / 4P
150W, Open Frame Quarter Brick DC/DC Converter
logo
XP Power Limited
DMA XPPOWER-DMA Datasheet
875Kb / 7P
Open Frame Telecom DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com