Electronic Components Datasheet Search
  English  ▼

X  

DLE45 Datasheet(PDF) 3 Page - XP Power Limited

Part # DLE45
Description  LED Drivers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DLE45 Datasheet(HTML) 3 Page - XP Power Limited

  DLE45 Datasheet HTML 1Page - XP Power Limited DLE45 Datasheet HTML 2Page - XP Power Limited DLE45 Datasheet HTML 3Page - XP Power Limited DLE45 Datasheet HTML 4Page - XP Power Limited DLE45 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DLE Series
www.xppower.com
LED Drivers
3
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-20
+50
°C
See derating curve
Operating Humidity
5
100
%
RH, non-condensing
Storage Temperature
-40
+80
°C
Some specification parameters maybe exceeded
until after 20 minutes warm up period.
Operating Altitude
3000
m
Shock
30 g pk, half sine, 6 axes EN60068-2-27, -2-47
& MIL-STD-810F 514.5 cat 4
Vibration
10-500 Hz, 2 g, 10 mins/cycle, 6 cycles in each
of axes
Derating Curves
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Equipment for General Lighting
Purposes
EN61547
as below
as below
ESD Immunity
EN61000-4-2
A
8 kV air and 4 kV contact
Radiated Immunity
EN61000-4-3
2A
EFT/Burst
EN61000-4-4
2A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
2A
Magnetic Field
EN61000-4-8
2A
Dips and Interruptions
EN61000-4-11
Dip: 30%, 10 ms
A
Dip: 30%, 200 ms
A/B
At 230 VAC/100 VAC
Int: 100%, 8.3 ms
A/B
At 230 VAC/100 VAC
EMC: Emissions
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Conducted
EN55015
Class B
Radiated
EN55015
Class B
Harmonic Current
EN61000-3-2
Class C
Voltage Fluctuations
EN61000-3-3
Safety Agency
Safety Standard
Notes & Conditions
UL
UL8750
TUV
EN61347
CE
CE Mark
IEC
IEC61347-2-13 used in conjunction with IEC61347-1
IP
IEC60529
0
10
20
30
40
50
60
70
20
40
60
80
100
0
-20
-10
Temp (˚C)
100
305
90
20
40
60
80
100
0
Input Voltage (VAC)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com