Electronic Components Datasheet Search
  English  ▼

X  

KP100 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # KP100
Description  Surface Mount Capacitive Silicon Absolute Pressure Sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP100 Datasheet(HTML) 2 Page - Infineon Technologies AG

  KP100 Datasheet HTML 1Page - Infineon Technologies AG KP100 Datasheet HTML 2Page - Infineon Technologies AG KP100 Datasheet HTML 3Page - Infineon Technologies AG KP100 Datasheet HTML 4Page - Infineon Technologies AG KP100 Datasheet HTML 5Page - Infineon Technologies AG KP100 Datasheet HTML 6Page - Infineon Technologies AG KP100 Datasheet HTML 7Page - Infineon Technologies AG KP100 Datasheet HTML 8Page - Infineon Technologies AG KP100 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
KP100
Data Book
2
2003-05
Pin Configuration
(top view)
Figure1
Pin Definitions and Functions
Pad No.
Symbol
Function
1
CLKS
Input; clock for serial interface
2
CS
Input; chip select, active low
3
DTA_OUT
Output of the serial interface
4
CLK_IN
Input; external clock = 4/8 MHz
5
V
DD
5 V power supply terminal
6
DTA_RDY
Data ready signal for serial interface
7
DTA_IN
Input for serial interface
8
V
SS
Ground potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com