Electronic Components Datasheet Search
  English  ▼

X  

SSSS820201 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS820201
Description  A low-profile slide switch with 1.4mm thickness
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS820201 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSS820201 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS820201 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS820201 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS820201 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS820201 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
79
79
SSSS8 1.4(H)mm, 1.5/2mm-travel Surface Mount Type
A low-profile slide switch with 1.4mm thickness
SSSS810201
Japan
Export
Not
specified
Without
With
Without
Vertical
Horizontal
1.5
t0.8
2
3
2
3
2
3
t1.1
1
2
1
2
4
3
Actuator
direction
Ground
terminal
Actuator
thickness(mm)
Positions
Products No.
Travel
(mm)
Drawing
No.
SSSS820101
SSSS820301
SSSS820201
SSSS820501
SSSS810701
SSSS811501
Changeover
timing
Reflow
Soldering
7,200
1,800
18,000
4,500
Minimum order unit(pcs.)
Product Line
2
2
3
2
2
1
Poles
3
4
5
SSSS811101
SSSS812201
With
Refer to P.111 for soldering conditions.
■ Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.3A 5V DC / 50μA 3V DC
Contact resistance
(Initial performance / After lifetime)
70mΩ max. / 130mΩ max.
Operating force
Refer to the dimensions.
Operating life
Without load
10,000 cycles 100mΩ max.
With load
10,000 cycles 130mΩ max.
(0.3A 5V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Product No.
Number of packages(pcs.)
 Reel width
W(mm)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1 case /export packing
SSSS820101
SSSS820301
SSSS820201
SSSS820501
1,800
3,600
7,200
25.4
24
406×406×190
SSSS810701
SSSS811501
SSSS811101
SSSS812201
SSSS810201
4,500
9,000
18,000
17.4
16
417×409×139
Please contact us for automotive use products.
Note


Similar Part No. - SSSS820201

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS820201 ALPS-SSSS820201 Datasheet
426Kb / 6P
Slide Switch
More results

Similar Description - SSSS820201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437575-0 MACOM-2-1437575-0 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-1 MACOM-2-1437575-1 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-2 MACOM-2-1437575-2 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-3 MACOM-2-1437575-3 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-4 MACOM-2-1437575-4 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-5 MACOM-2-1437575-5 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-8 MACOM-2-1437575-8 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
2-1437575-9 MACOM-2-1437575-9 Datasheet
285Kb / 2P
SLIDE SWITCH, LOW PROFILE SSB SERIES
logo
MMD Components
WC146SM MMD-WC146SM_18 Datasheet
118Kb / 2P
Ultra Low Profile with 1.4mm Height max
logo
First Silicon Co., Ltd
LB6S FS-LB6S Datasheet
158Kb / 2P
Low Profile: Typical height of 1.4mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com