Electronic Components Datasheet Search
  English  ▼

X  

ECC Datasheet(PDF) 1 Page - XP Power Limited

Part # ECC
Description  100 W - Baseplate Cooled
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECC Datasheet(HTML) 1 Page - XP Power Limited

  ECC Datasheet HTML 1Page - XP Power Limited ECC Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
1. Safety approvals cover frequency 47-63 Hz.
2. At low temperature and low line voltage, start up time will increase.
Specification
100 Watts
•
40 °C to +75 °C Operation
•
100 W
Baseplate Cooled
•
High Efficiency Resonant Topology
•
Screw Terminals Available
•
5V Standby Output
•
Remote On/Off & Power OK Signal
•
3 Year Warranty
ECC Series
Input
Input Voltage
• 85-264 VAC (120-370 VDC), derate output
power <90 VAC by 10%
Input Frequency
• 47-400 Hz(1)
Input Current
• 1.5 A typical at 115 VAC, full load
0.9 A typical at 230 VAC, full load
Inrush Current
• 40 A max at 230 VAC, 25 °C cold start
Power Factor
• EN61000-3-2, class A
Earth Leakage Current
• 300 µA at 264 VAC/60 Hz max
110/190 µA 115/230 VAC at 50 Hz and
0.5/1.1 mA 115/230 VAC at 400 Hz typ.
Input Protection
• Internal T5.0 A/250 V fuse in line
and neutral
Output
Output Voltage
• 12-48 VDC (see tables)
Output Voltage Trim
• ±5%
Initial Set Accuracy
• ±1% V1, ±3% V2
Minimum Load
• No minimum load required
Start Up Delay
• Typically 1 s(2)
Start Up Rise Time
• 50 ms typical
Hold Up Time
• 16 ms min at 115 VAC
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5% max
Load Regulation
• ±1% V1, ±5% V2 max
Over/Undershoot
• 5% typical
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk V1, V2 2%, 20 MHz bandwidth
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
Overload Protection
• 110-150% V1 only (see longform
datasheet for further details)
Short Circuit Protection
• Continuous trip and restart (hiccup mode)
Temperature
• 0.05%/°C
Coefficient
Remote Sense
• Compensates for 0.5 V total voltage drop
Remote On/Off
• Uncommitted isolated optocoupler diode,
powered diode inhibits V1
xppower.com
General
Efficiency
• 88% typical
Isolation
• 4000 VAC Input to Output,
1500 VAC Input to Ground,
500 VDC Output to Ground
Switching Frequency
• 70 kHz typical
Signals
• Power OK - open collector,
Remote On/Off, 5 V Standby (see longform
datasheet for further details)
Power Density
• 3.91 W/in3
MTBF
• 236 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +75 °C ambient. Baseplate must
be maintained ≤+85 °C, see longform
datasheet for further details
Warm Up Time
• Typically 20 minutes
Cooling
• Baseplate, conduction cooling
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 ˚C to +85 °C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 Hz, 3 axes
EMC & Safety
Low Voltage PSU EMC
• EN61204-3, high severity level as below
Emissions
• EN55022 level B conducted
EN55022 level A radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A, installation class 4
Perf Criteria A with optional filter board (-F),
see longform datasheet for further details
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• IEC60950-1 CB report, CSA 22.2 No.
60950-1, UL60950-1, TUV EN60950-1
Equipment Protection
• Class I
Class


Similar Part No. - ECC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECC 82 PHILIPS-ECC 82 Datasheet
498Kb / 11P
Double Triode 1954
ECC 83 PHILIPS-ECC 83 Datasheet
466Kb / 11P
Double Triode
11.11.1954
logo
Ecliptek Corporation
ECC-20-30.000M-GA ECLIPTEK-ECC-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECC-20-30.000M-GTR ECLIPTEK-ECC-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECC-20-30.000M-I2A ECLIPTEK-ECC-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
600 W continuous power at 100 째C baseplate temperature
logo
XP Power Limited
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
100 W Convection Rating, 150 W Forcedcooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
ECC100 XPPOWER-ECC100 Datasheet
2Mb / 15P
100 W - Baseplate Cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
EMH XPPOWER-EMH Datasheet
6Mb / 22P
250 W & 350 W Forced-cooled
MCC400-600 XPPOWER-MCC400-600 Datasheet
347Kb / 2P
Baseplatecooled
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
80/100 W Convection & Force-cooled Ratings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com