Electronic Components Datasheet Search
  English  ▼

X  

I643 Datasheet(PDF) 3 Page - ILSI America LLC

Part # I643
Description  3.2 mm x 2.5 mm Ceramic Low Noise SMD VCXO LVCMOS/LVPECL/LVDS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I643 Datasheet(HTML) 3 Page - ILSI America LLC

  I643 Datasheet HTML 1Page - ILSI America LLC I643 Datasheet HTML 2Page - ILSI America LLC I643 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3.2 mm x 2.5 mm Ceramic Low Noise SMD VCXO
I643 Series
LVCMOS/LVPECL/LVDS
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 03/10/15_A
Page 3 of 3
Tape and Reel Information:
Environmental Specifications
Thermal Shock
MIL-STD-883, Method 1011, Condition A
Moisture Resistance
MIL-STD-883, Method 1004
Mechanical Shock
MIL-STD-883, Method 2002, Condition B
Mechanical Vibration
MIL-STD-883, Method 2007, Condition A
Resistance to Soldering Heat
J-STD-020C, Table 5-2 Pb-free devices (except 2 cycles max)
Hazardous Substance
Pb-Free / RoHS / Green Compliant
Solderability
JESD22-B102-D Method 2 (Preconditioning E)
Terminal Strength
MIL-STD-883, Method 2004, Test Condition D
Gross Leak
MIL-STD-883, Method 1014, Condition C
Fine Leak
MIL-STD-883, Method 1014, Condition A2, R1=2x10-8 atm cc/s
Solvent Resistance
MIL-STD-202, Method 215
Marking
Line 1: ILSI and Date Code (YWW)
Line 2: Frequency
PROPRIETARY AND CONFIDENTIAL
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION, AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY
PURPOSE NOR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM ILSI America.
Quantity per
Reel
1000
A
16 +/-.3
B
8 +/-.2
C
7.5 +/-.2
D
17.5 +/-1
E
50 / 60 / 80
F
180 / 250



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com