Electronic Components Datasheet Search
  English  ▼

X  

ECM Datasheet(PDF) 1 Page - XP Power Limited

Part # ECM
Description  Compact Size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECM Datasheet(HTML) 1 Page - XP Power Limited

  ECM Datasheet HTML 1Page - XP Power Limited ECM Datasheet HTML 2Page - XP Power Limited ECM Datasheet HTML 3Page - XP Power Limited ECM Datasheet HTML 4Page - XP Power Limited ECM Datasheet HTML 5Page - XP Power Limited ECM Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specification
40100 Watts
•
Compact Size
•
IT & Medical Approvals
•
Convectioncooled
•
Class I and II Construction
•
DC Input Version Available (DCM Series)
•
PoE Isolation Version Available (POE Series)
•
3 Year Warranty
ECM Series
Input
Input Voltage
• 90-264 VAC (120-370 VDC)
Input Frequency
• 47-63 Hz; 440 Hz*
Input Current
• 40 W: 0.4 A max at 230 VAC
60 W: 0.6 A max at 230 VAC
100 W: 0.9 A max at 230 VAC
Inrush Current
• 40 A max at 230 VAC
Earth Leakage Current
• <125 µA at 115 VAC/60 Hz
<210 µA at 230 VAC/50 Hz
Power Factor
• EN61000-3-2
Input Protection
• Internal T3.15 A, 250 V fuse in line
and neutral
Output
Output Voltage
• See tables
Output Voltage Trim
• ±5% on 3.3 V & 5 V versions, ±10% on
other single output models and V1 of
multi-output models. (See note 1 for
ECM40/60 models)
Initial Set Accuracy
• ±1.0% V1, ±5% V2, V3 & V4
Minimum Load
• See tables
Start Up Delay
• 1.5 s max
Start Up Rise Time
• 10 ms max
Hold Up Time
• 16/75 ms min at 115/230 VAC
Line Regulation
• ±0.5%
Load Regulation
• ±1% single output models;
±3% V1, ±5% V2 & V3 ECM40/60
multi-output models.
±1% V1 & V2, ±5% V3 & V4 ECM100
Cross Regulation
• 2% on ECM40/60 only
Over/Undershoot
• None at turn on/off
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 1% pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 115-135% Vnom, recycle input to reset
Overload Protection
• 110-150% on primary power limit,
auto recovery
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.05%/°C
Coefficient
Peak Load
• 120% for 100 ms ECM40/60 (see note 3)
* Safety approvals cover frequency range 47-63 Hz
xppower.com
General
Efficiency
• 80-85% depending on model
Isolation
• 4000 VAC Input to Output 2 x MOPP
ECM100 single output models, 1 x MOPP
ECM100 multi output and all ECM40/60
models (contact sales for 2 x MOPP),
1500 VAC Input to Ground 1 x MOPP,
500 VAC Output to Ground
Switching Frequency
• 70 kHz typical
Power Density
• 40 W: 4.2 W/In3
60 W: 6.3 W/In3
100 W: 7.4 W/In3
MTBF
• 600 kHrs to MIL-HDBK-217F
at 25 °C, GB
Environmental
Operating Temperature
• 0 °C to +70 °C. Refer to derating curves
for specific operating limitations.
Cooling
• Convection & fan-cooled ratings
(see derating curves)
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 Hz, 3 axes
EMC & Safety
Emissions
• EN60601-1-2, EN61204-3, FCC 20780,
EN55022 & EN55011, level B conducted
EN55022 Level A radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 10 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A,
SEMI F47
Conducted Immunity
• EN61000-4-6, 10 V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
EN60601-1, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms,
Perf Criteria A, A (with 50% load), A, B
Safety Approvals
• EN60601-1, ANSI/AAMI ES60601-1,
CSA22.2 No.60601-1 per cUL, Including
Risk Management, EN60950-1, UL60950-1


Similar Part No. - ECM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECM-10 ETC-ECM-10 Datasheet
517Kb / 2P
ELECTRET CONDENSER MICROPHONE UNIT
logo
Ecliptek Corporation
ECM-20-30.000M-GA ECLIPTEK-ECM-20-30.000M-GA Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-GTR ECLIPTEK-ECM-20-30.000M-GTR Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2A ECLIPTEK-ECM-20-30.000M-I2A Datasheet
109Kb / 3P
CRYSTAL
ECM-20-30.000M-I2TR ECLIPTEK-ECM-20-30.000M-I2TR Datasheet
109Kb / 3P
CRYSTAL
More results

Similar Description - ECM

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT86E_SMX ACT-ACT86E_SMX Datasheet
169Kb / 2P
Compact in size
22-02-2012
logo
XP Power Limited
ECL05US05-E XPPOWER-ECL05US05-E Datasheet
449Kb / 6P
Ultra Compact Size
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
Ultra Compact Size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
Compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
Compact size
logo
XP Power Limited
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
Ultra Compact Size
logo
List of Unclassifed Man...
SLB1470 ETC2-SLB1470 Datasheet
577Kb / 9P
Miniature compact size.
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
Compact size
C46 SURGE-C46 Datasheet
2Mb / 9P
Compact size
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
Extremely compact size
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com