Electronic Components Datasheet Search
  English  ▼

X  

IL3W Datasheet(PDF) 1 Page - ILSI America LLC

Part # IL3W
Description  2 Pad Ceramic Base SMD Crystal, 1.6 mm x 1.0 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IL3W Datasheet(HTML) 1 Page - ILSI America LLC

  IL3W Datasheet HTML 1Page - ILSI America LLC IL3W Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 Pad Ceramic Base SMD Crystal, 1.6 mm x 1.0 mm
IL3W Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 03/25/15_A
Page 1 of 2
Product Features:
Applications:
1.60±.10
1.00±.10
0.50
max
0.86
0.40
0.40
0.50
0.50
0.60
1.00
Suggested
Land Patterns
Dimensions: mm
Marking
Low Cost SMD Package
Real Time Clocks
RoHS Compliant
Metering
Compatible with Leadfree Processing
Industrial Control
Ultra Low Profile
Time Reference
Frequency
32.768 KHz
ESR (Equivalent Series Resistance)
90 kΩ Max
Shunt Capacitance (C0)
2.0 pF Max.
Motional Capacitance (Cl)
6.5pF Typ.
Frequency Tolerance @ 25 C ±5ºC
20 ppm Standard
Frequency Stability over
Temperature
Parabolic -0.045 ppm /
 C2 Typ. Turnover point +25º
±5ºC See Graph Below
Crystal Cut
X-Cut
Load Capacitance
12.5 pF Standard (see table below)
Drive Level
0.1 µW typ, 0.5 µW max
Aging
3 ppm Max. / Year Standard
Temperature
Operating
-40
 C to +85 C Standard
Storage
-55
 C to +125 C Standard
Typical X Cut Temperature Coefficient
-180
-150
-120
-90
-60
-30
0
-40
-30
-20
-10
0
10203040
50607080
Temperature
Part Number Guide
Sample Part Number:
IL3W - HX5F12.5 - 32.768 KHz
Package
Stability
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
IL3W -
H = ±20 ppm
X = X Cut
5 = -40°C to +85°C
F = Fundamental
12.5 pF (Standard)
9.0 pF or 7.0 pF
- 32.768 KHz


Similar Part No. - IL3W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
IL30 VISHAY-IL30 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
IL30 VISHAY-IL30 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
IL30 VISHAY-IL30 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
More results

Similar Description - IL3W

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX10 ILSI-ILCX10 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
ILCX19 ILSI-ILCX19 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.6 mm x 2 mm
ILCX20 ILSI-ILCX20 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
IL3T ILSI-IL3T Datasheet
126Kb / 2P
2 Pad Ceramic Base SMD Crystal, 2.0 mm x 1.2 mm
logo
Fronter Electronics Co....
HC-49SMD FRONTER-HC-49SMD Datasheet
168Kb / 2P
2 Pad SMD Crystal 11.5x4.8 mm
logo
TAITIEN ELECTRONICS CO....
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Transko Electronics, In...
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com