Electronic Components Datasheet Search
  English  ▼

X  

ISM67 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ISM67
Description  3.2 mm x 2.5 mm Ceramic Package SMD Oscillator, LVMOS / LVPECL / LVDS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ISM67 Datasheet(HTML) 1 Page - ILSI America LLC

  ISM67 Datasheet HTML 1Page - ILSI America LLC ISM67 Datasheet HTML 2Page - ILSI America LLC ISM67 Datasheet HTML 3Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator,
ISM67 Series
LVMOS / LVPECL / LVDS
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 03/10/15_A
Page 1 of 3
Product Features
Applications
3.20±0.10
2.50±0.10
1.00±0.15
2.30
.70
5
6
4
2
1
3
.60
TYP
1.60
1.30
TYP
1.80
.90
.90
.80
PIN 3
Ground
PIN CONNECTIONS
PIN 2
Enable/Disable
or N/C
Output
PIN 4
PIN 5
Comp. Output
or N/C
Voltage Supply
PIN 6
Suggested Land Pattern
Dimension Units: mm
Marking
PIN 1
Enable/Disable
or N/C
Small Surface Mount Package
xDSL
Ethernet/LAN/WAN
Fast Sample Delivery
Broadcast Video
Optical modules
Fast Sample Delivery
Wireless Base Stations
Clock and data recovery
Pb Free/ RoHS Compliant
Sonet /SDH
FPGA/ASIC
Leadfree Processing
WiMAX/WLAN
Backplanes
Server and Storage
GPON
Frequency
LVCMOS
LVPECL
LVDS
10.000MHz to 250.000MHz
10.000MHz to 1500.000MHz
10.000MHz to 1500.000MHz
Output Level
LVCMOS
LVPECL
LVDS
Logic “0” = 10% of Vcc max, Logic “1” = 90% of Vcc min
Logic “0”= Vcc-1.62V max., Logic “1” = 1.02 V min
VOD=(Diff. Output) 350mV Typ.
Duty Cycle
LVMOS
LVPECL
LVDS
50% ±5% @ 50% of Vcc
50% ±5% @ 50%*
50% ±5% @ 50%*
Rise / Fall Time
LVCMOS
LVPECL
LVDS
2.0 ns max. (10% to 90%)*
0.8 ns max. (20% to 80%)*
0.8 ns max. (20% to 80%)*
Output Load
LVCMOS
LVPECL
LVDS
15pF
50
 to Vcc - 2.0 VDC
RL=100
/CL= 5pF
Frequency Stability
See Table Below
Supply Voltage (Vcc)
+3.30 VDC ± 5%, +2.50 VDC ± 5%
Aging
±3.0 ppm max per year
Current
HCMOS = 45 mA max
LVPECL = 90 mA max
LVDS = 35 mA max
Phase Jitter (RMS)
(12kHz to 20MHz)
0.9 ps typical
Operating Temp. Range
See Table Below
Storage Temp. Range
-40C to +85C
Part Number Guide
Sample Part Number:
ISM67–31A9H2–155.520
Package
Input
Voltage
Operating
Temperature
Stability
(in ppm)
Output
Enable / Disable
Complimentary
Ouput (Pin 5) **
Frequency
ISM67
3 = 3.3V
1 = 0
 C to +70 C
F =
20
3 = LVCMOS
H = Enable (Pin 1)
1 = N.C.
-155.520 MHz
6 = 2.5V
2 = -40
 C to +85 C
A =
25
8 = LVDS
K = Enable (Pin 2)
2 = Output
3 = -20
 C to +70 C
B =
50
9 = LVPECL
NOTE: A 0.01 µF bypass capacitor is recommended between VDD (pin 6) and GND (pin 3) to minimize power supply noise. * Measured as percent of
waveform. ** Available on LVDS and LVPECL ouput only.


Similar Part No. - ISM67

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
More results

Similar Description - ISM67

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I640 ILSI-I640 Datasheet
56Kb / 3P
3.2 mm x 5.0 mm Ceramic Package SMD VCXO, LVCMOS / LVPECL / LVDS
ISM64 ILSI-ISM64 Datasheet
55Kb / 3P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM88 ILSI-ISM88 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
ISM89 ILSI-ISM89 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVDS
ISM99 ILSI-ISM99 Datasheet
51Kb / 2P
5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
I642 ILSI-I642 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD VCXO LVCMOS / LVPECL / LVDS
ISM75 ILSI-ISM75 Datasheet
123Kb / 3P
3.2 mm x 2.5 mm Ceramic Low Noise SMD Oscillator, LVCMOS / LVPECL / LVDS
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0141-OA-TYPE TAITIEN-XO-0141-OA-TYPE Datasheet
432Kb / 1P
3.2 x 2.5 mm SMD LVPECL/LVDS Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com