Electronic Components Datasheet Search
  English  ▼

X  

ISM87 Datasheet(PDF) 1 Page - ILSI America LLC

Part # ISM87
Description  2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

ISM87 Datasheet(HTML) 1 Page - ILSI America LLC

  ISM87 Datasheet HTML 1Page - ILSI America LLC ISM87 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
ISM87 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev: 11/29/14_A
Page 1 of 2
Product Features:
Wide Temperature Range (-55º to +125ºC)
Frequency Stability option ±50 ppm over the full operating temperature range.
Low Phase Noise
RoHS Compliant
Pin Connections
Pin 2
Pin 3
Pin 4
Ground
Output
Vcc
IYWW
FREQ
43
1
2
3.20
2.50
1.20
1.20
0.90
1.00
2.20
1.70
1.20
1.40
Recommended
Land Pattern
Enable / Disable
or NC
Pin 1
Dimension Units: mm
Frequency
1.000 MHz to 125.000 MHz
Output Level
CMOS
Logic ‘0’ = 10% of Vcc max
Logic ‘1’ = 90% of Vcc min
Duty Cycle
Specify 50% ±10% or ±5% See Table in Part Number Guide
Rise / Fall Time
5 nS Max. for 10% to 90% of waveform
Output Load
15 pF
Aging (Initial First
Year)
±3 ppm max
Start-up Time
5 mS Max.
Enable / Disable Time
(Pin 1)
100 nS Max. N.C. or ≥ 70% Vcc = Enable.
≤ 30% Vcc = Disable
Supply Voltage
See Input Voltage Table, tolerance ±5 %
Current
50 mA Max.
Operating
-55C to +125C
Storage
-55C to +125C
Phase Jitter:
(12kHz – 20MHz)
1 pS RMS max
Tri-State (Pin 1)
Function
Enable / Disable Time
Current, Standby Mode
Standby
100 nS Max. N.C. or ≥ 70% Vcc = Enable.
≤ 30% Vcc = Disable
20 µA
Part Number Guide
Sample Part Number:
ISM87-3756BH-20.000
Package
Input
Voltage
Operating
Temperature
Symmetry
(Duty Cycle)
Output
Stability (in
ppm)
Enable /
Disable
Frequency
ISM87
1 = 1 .8 V
7
= -55ºc to +125ºc
5 = 45 / 55 max
3 = 15pF
B = ±50 ppm
H = Enable
20.000
2 = 2.7 V
6 = 40 / 60 max
6 = 30pF *
C= ±100 ppm
O = N/C
3 = 3.3 V
6 = 2.5 V
7 = 3.0 V
*
Oscillator may not meet 5% symmetry over temperature range with 30 pF load.
NOTE:
A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.


Similar Part No. - ISM87

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM81 ILSI-ISM81 Datasheet
148Kb / 2P
5.0 mm x 7.0 mm Ceramic Package SMD Oscillator
ISM82 ILSI-ISM82 Datasheet
126Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator
ISM88 ILSI-ISM88 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
ISM88-3159AH-156.250 ILSI-ISM88-3159AH-156.250 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
ISM88-3159BH-156.250 ILSI-ISM88-3159BH-156.250 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
More results

Similar Description - ISM87

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I537 ILSI-I537 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I547 ILSI-I547 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
ISM34 ILSI-ISM34 Datasheet
48Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, HC-MOS
ISM88 ILSI-ISM88 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVPECL
ISM89 ILSI-ISM89 Datasheet
51Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator, LVDS
ISM97 ILSI-ISM97 Datasheet
104Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM67 ILSI-ISM67 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator, LVMOS / LVPECL / LVDS
ISM82 ILSI-ISM82 Datasheet
126Kb / 2P
3.2 mm x 5.0 mm Ceramic Package SMD Oscillator
ISM671 ILSI-ISM671 Datasheet
124Kb / 3P
3.2 mm x 2.5 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0108-32.768K-OX-OY TAITIEN-XO-0108-32.768K-OX-OY Datasheet
758Kb / 1P
3.2 x 2.5 / 2.5 x 2.0 mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com