Electronic Components Datasheet Search
  English  ▼

X  

FCM Datasheet(PDF) 1 Page - XP Power Limited

Part # FCM
Description  400 W Continuous, 600 W Peak
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FCM Datasheet(HTML) 1 Page - XP Power Limited

  FCM Datasheet HTML 1Page - XP Power Limited FCM Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
400 Watts
•
400 W Continuous, 600 W Peak
•
IT and Medical Approvals
•
80 V
275 VAC Operation
•
Low Noise Fan
•
Screw Terminals
•
5 V Standby, AC OK and Remote On/Off
•
3 Year Warranty
FCM Series
Input
Input Voltage
• 80-275 VAC, derate output power
<90 VAC (see derating curve)
Input Frequency
• 47-63 Hz
Input Current
• 4.1 A at 115 VAC typical
2.1 A at 230 VAC with 400 W load
Inrush Current
• 60 A max at 264 VAC, cold start 25 °C
Power Factor
• >0.9
Earth Leakage Current
• 260 µA max, 264 VAC, 60 Hz
Input Protection
• F10 A / 250 V internal fuse in line
and neutral
Output
Output Voltage
• 12-48 VDC (see tables)
Output Voltage Trim
• ±10% V1
Initial Set Accuracy
• ±1% V1, ±5% V2
Minimum Load
• No minimum load required
Start Up Delay
• 1 s typical
Start Up Rise Time
• 50 ms
Hold Up Time
• 20 ms minimum
Line Regulation
• ±0.5% maximum
Load Regulation
• ±1% V1, ±5% V2
Transient Response
• 4% max. deviation, recovery to
within 1% in 500 µs for a 50-75-50%
load change
Ripple & Noise
• 1% pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
Overtemperature
• Auto reset
Protection
Overload Protection
• 150-165%, V1 only
Short Circuit Protection
• Continuous, approximately constant
current
Temperature
• 0.05% / °C
Coefficient
Remote On/Off
• Uncommitted isolated optocoupler diode,
powered diode inhibits V1 & Fan
xppower.com
General
Efficiency
• 85% typical
Isolation
• 4000 VAC input to output, 2 x MOPP,
1500 VAC input to ground, 1 x MOPP,
500 VAC output to ground
Switching Frequency
• PFC 70 kHz, main converter 65 kHz typical
Power Density
• 8.6 W/in3
Signals
• AC OK, remote on/off, 5 V standby
MTBF
• 236 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -10 °C to +70 °C, derate linearly
from +50 °C at 2.5% / °C to 50%
load at +70 °C
Cooling
• Forced cooled with integral fan
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3000 m
Shock
• 30 g pk, half sine, 6 axes
Vibration
• 2 g rms, 5 Hz to 500 kHz, 3 axes
EMC & Safety
Emissions
• EN55011/22 level B conducted
EN55011/22 level A radiated
Harmonic Currents
• EN61000-3-2, class A
EN61000-3-2, class C for loads ≥50%
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B,
EN60601-1-2, 30% 500 ms, 60% 100 ms,
100% 10 ms, 100% 5000 ms, Perf Criteria
A, A, A, B - 230 VAC. Consult longform
datasheet for 115 V operation
Safety Approvals
• IEC60950-1 CB report, UL60950-1, TUV,
EN60950-1, IEC60601-1 CB report, CSA
22.2 No.60601-1, ANSI/AAMI ES60601-1,
TUV60601-1, including risk management


Similar Part No. - FCM

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
FCM-100 ATS-FCM-100 Datasheet
542Kb / 1P
FAN CHARACTERIZATION MODULE
R3_0215
logo
List of Unclassifed Man...
FCM-1F108S-FLX01-01 ETC1-FCM-1F108S-FLX01-01 Datasheet
37Kb / 1P
Flextronics Imaging Solutions
FCM-2F100S-FLX01-01 ETC1-FCM-2F100S-FLX01-01 Datasheet
37Kb / 1P
Flextronics Imaging Solutions
FCM-3F109S-FLX01-01 ETC1-FCM-3F109S-FLX01-01 Datasheet
37Kb / 1P
Flextronics Imaging Solutions
FCM-5F100S-FLX01-01 ETC1-FCM-5F100S-FLX01-01 Datasheet
37Kb / 1P
Flextronics Imaging Solutions
More results

Similar Description - FCM

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-55 POWERINT-DI-55 Datasheet
219Kb / 2P
20 W (25 W peak) DVD Supply
DI-93 POWERINT-DI-93 Datasheet
429Kb / 2P
General Purpose 32 W Continuous (81 W Peak) Supply
logo
Emerson Network Power
AIF12W300 EMERSON-NETWORKPOWER-AIF12W300 Datasheet
148Kb / 2P
600 W continuous power at 100 째C baseplate temperature
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
PEAK PULSE POWER : 400 W (10/1000ms)
Feb-2003
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
XP Power Limited
SDF XPPOWER-SDF Datasheet
548Kb / 4P
Up to 600 W Peak Power
logo
STMicroelectronics
STEVAL-ISA132V1 STMICROELECTRONICS-STEVAL-ISA132V1 Datasheet
316Kb / 4P
300 W peak power (170 W continuous power) LLC resonant converter based on L6699, STB13N60M2 and STPS20H100CG
29-May-2015
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com