Electronic Components Datasheet Search
  English  ▼

X  

IR44252LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR44252LPBF
Description  SOT-23 Single Low-Side Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR44252LPBF Datasheet(HTML) 1 Page - International Rectifier

  IR44252LPBF Datasheet HTML 1Page - International Rectifier IR44252LPBF Datasheet HTML 2Page - International Rectifier IR44252LPBF Datasheet HTML 3Page - International Rectifier IR44252LPBF Datasheet HTML 4Page - International Rectifier IR44252LPBF Datasheet HTML 5Page - International Rectifier IR44252LPBF Datasheet HTML 6Page - International Rectifier IR44252LPBF Datasheet HTML 7Page - International Rectifier IR44252LPBF Datasheet HTML 8Page - International Rectifier IR44252LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IR44252LPBF
1
www.irf.com
© 2015 International Rectifier
June 30, 2015
HVICTM
SOT-23 Single Low-Side Driver IC
Features
CMOS Schmitt-triggered inputs
Under voltage lockout
Wide VCC range (5 to 20V)
3.3V logic compatible
Output in phase with inputs
Lead free, RoHS compliant
Applications
General purpose gate driver
Complimentary to IRS25752L single high side driver
Product Summary
Topology
General Driver
IO+/- (typical)
300mA / 550mA
Package Options
5 Lead SOT23
Typical Connection Diagram
1
2
3
5
4
IN
OUT
COM
VCC
OUT
IN
5..18V
Ordering Information
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR44252LPBF
SOT-23-5L
Tape and Reel
3000
IR44252LTRPBF


Similar Part No. - IR44252LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
SOT-23 Single Low-Side Driver IC
June 30, 2015
More results

Similar Description - IR44252LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS10752LPBF IRF-IRS10752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
IRS20752LPBF IRF-IRS20752LPBF_15 Datasheet
694Kb / 12P
SOT-23 High-Side Gate Driver IC
IRS25752LPBF IRF-IRS25752LPBF_15 Datasheet
691Kb / 12P
SOT-23 High-Side Gate Driver IC
IR44272LPBF IRF-IR44272LPBF Datasheet
741Kb / 14P
SOT-23 Gate Driver IC
IR44273LPBF IRF-IR44273LPBF Datasheet
735Kb / 14P
SOT-23 Single Low-Side Driver IC
logo
Infineon Technologies A...
IRS10752LPBF INFINEON-IRS10752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS20752LPBF INFINEON-IRS20752LPBF Datasheet
378Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IRS25752LPBF INFINEON-IRS25752LPBF Datasheet
374Kb / 13P
SOT-23 High-Side Gate Driver IC
January 4, 2017
IR44252LPBF INFINEON-IR44252LPBF Datasheet
1Mb / 14P
SOT-23 Single Low-Side Driver IC
June 30, 2015
IR44273LPBF INFINEON-IR44273LPBF Datasheet
514Kb / 14P
SOT-23 Single Low-Side Gate Driver IC
January 14, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com