Electronic Components Datasheet Search
  English  ▼

X  

RCL175 Datasheet(PDF) 13 Page - XP Power Limited

Part # RCL175
Description  175 W with 12 CFM cooling
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCL175 Datasheet(HTML) 13 Page - XP Power Limited

Back Button RCL175 Datasheet HTML 5Page - XP Power Limited RCL175 Datasheet HTML 6Page - XP Power Limited RCL175 Datasheet HTML 7Page - XP Power Limited RCL175 Datasheet HTML 8Page - XP Power Limited RCL175 Datasheet HTML 9Page - XP Power Limited RCL175 Datasheet HTML 10Page - XP Power Limited RCL175 Datasheet HTML 11Page - XP Power Limited RCL175 Datasheet HTML 12Page - XP Power Limited RCL175 Datasheet HTML 13Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
xppower.com
Pin Connectors
Connector Info
INPUT CONNECTOR - P1
Pin
Function
1
Live
2
N/C
3
Neutral
OUTPUT CONNECTOR - P2
Pin
Function
1
+Output 1
2
+Output 1
3
+Output 1
4
0 V
5
0 V
6
0 V
7
0 V
8
0 V
9
0 V
10
+Output 2
11
+Output 2
12
+Output 2
13
-Output 3
14
+Output 3
15
-Output 4
16
+Output 4
SIGNALS CONNECTOR - P3
Pin
Function
1
Remote On/Off
2
+Sense
3
-Sense
4
PF signal
5
0 V fan supply
6
+12 V fan supply
Installation Instructions for Class II Operation
The open frame power supply components are for building-in Class I or Class II.
They will be considered Class II (Double/Reinforced Insulation) only when mounted above chassis (accessible metal parts) on insulating posts and
provide minimum of 8mm creepage and 5 mm clearance distance. Class II units have no reliance upon protective earthing. In all other cases the units
will be considered Class I.
P3 is a 6-way 0.1" pitch square pin header
Molex housing 22-01-2065 pins 08-50-0032 (30-22 AWG)
For mating connectors, use pinouts as details in this datasheet.
May not match manufacturers mold marks as connector.
For all formats, output connector P2 as follows:
Single Output Models:
6-way 0.156" pitch square pin header
Molex housing 09-91-0600 or equivalent
Pins 08-50-0106 (24-18 AWG) 08-50-0108 (28-22 AWG)
Dual Output Models:
12-way 0.156" pitch square pin header (except model PD22 which has a 14-way connector)
Molex housing 09-91-1200 or equivalent
Pins 08-50-0106 (24-18 AWG) 08-50-0108 (28-22 AWG)
Triple Output Models:
14-way 0.156" pitch square pin header
Molex housing 09-91-1400 or equivalent
Pins 08-50-0106 (24-18 AWG) 08-50-0108 (28-22 AWG)
Quad Output Models:
16-way 0.156" pitch square pin header
Molex housing 09-91-1600 or equivalent
Pins 08-50-0106 (24-18 AWG) 08-50-0108 (28-22 AWG)
18-Mar-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com