Electronic Components Datasheet Search
  English  ▼

X  

RCL175PS48 Datasheet(PDF) 9 Page - XP Power Limited

Part # RCL175PS48
Description  175 W with 12 CFM cooling
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCL175PS48 Datasheet(HTML) 9 Page - XP Power Limited

Back Button RCL175PS48 Datasheet HTML 5Page - XP Power Limited RCL175PS48 Datasheet HTML 6Page - XP Power Limited RCL175PS48 Datasheet HTML 7Page - XP Power Limited RCL175PS48 Datasheet HTML 8Page - XP Power Limited RCL175PS48 Datasheet HTML 9Page - XP Power Limited RCL175PS48 Datasheet HTML 10Page - XP Power Limited RCL175PS48 Datasheet HTML 11Page - XP Power Limited RCL175PS48 Datasheet HTML 12Page - XP Power Limited RCL175PS48 Datasheet HTML 13Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
xppower.com
9
Output Noise & Ripple
RCL175PS12 with 175 W load.
Noise measured is 50 mV pk-pk
RCL175PQ43 O/P 1 with 75 W load.
Noise measured is 34 mV pk-pk
RCL175PQ43 O/P 2 with 50 W load.
Noise measured is 24 mV pk-pk
RCL175PQ43 O/P 3 with 24 W load.
Noise measured is 30 mV pk-pk
RCL175PQ43 O/P 4 with 24 W load.
Noise measured is 36 mV pk-pk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com