Electronic Components Datasheet Search
  English  ▼

X  

IRS2005STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2005STRPBF
Description  High and Low Side Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2005STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2005STRPBF Datasheet HTML 1Page - International Rectifier IRS2005STRPBF Datasheet HTML 2Page - International Rectifier IRS2005STRPBF Datasheet HTML 3Page - International Rectifier IRS2005STRPBF Datasheet HTML 4Page - International Rectifier IRS2005STRPBF Datasheet HTML 5Page - International Rectifier IRS2005STRPBF Datasheet HTML 6Page - International Rectifier IRS2005STRPBF Datasheet HTML 7Page - International Rectifier IRS2005STRPBF Datasheet HTML 8Page - International Rectifier IRS2005STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
IRS2005(S,M)PBF
1
www.irf.com
© 2015 International Rectifier
August 4, 2015
High and Low Side Driver
Features
Gate drive supplies up to 20V per channel
Undervoltage lockout for VCC, VBS
3.3 V, 5V , 15V input logic compatible
Tolerant to negative transient voltage
Designed for use with bootstrap power supplies
Matched propagation delays
Output in phase with the Inputs
-40°C to 125°C operating range
RoHS compliant
Product Summary
VOFFSET
≤ 200V
VOUT
10 V
– 20V
Io+ & I o- (typ.)
290mA & 600mA
tON & tOFF (typ.)
160ns & 150ns
Delay matching (max.)
50ns
Description
The IRS2005 is a high voltage, high speed power MOSFET
and IGBT driver with independent high and low side
referenced output channels. Proprietary HVIC and latch
immune CMOS technologies enable ruggedized monolithic
construction. The logic input is compatible with standard
CMOS or LSTTL output, down to 3.3V logic. The output
drivers feature a high pulse current buffer stage designed
for minimum driver cross-conduction. The floating channel
can be used to drive an N-channel power MOSFET or IGBT
in the high side configuration which operates up to 200 V.
Propagation
delays are matched to simplify the HVIC’s use
in high frequency applications.
Package Options
8-Lead SOIC
16-Lead MLPQ 4x4
(without 2 leads)
Typical Applications
Appliance motor drives
Servo drives
Micro inverter drives
General purpose three phase inverters
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRS2005SPBF
8-Lead SOIC
Tube/Bulk
95
IRS2005SPBF
Tape and Reel
2500
IRS2005STRPBF
IRS2005MPBF
14-Lead MLPQ 4x4
Tape and Reel
3000
IRS2005MTRPBF


Similar Part No. - IRS2005STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2005STRPBF IRF-IRS2005STRPBF Datasheet
1Mb / 19P
High and Low Side Driver
logo
Infineon Technologies A...
IRS2005STRPBF INFINEON-IRS2005STRPBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
More results

Similar Description - IRS2005STRPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com