Electronic Components Datasheet Search
  English  ▼

X  

IPF09N03LA Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPF09N03LA
Description  OptiMOS 2 Power-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPF09N03LA Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPF09N03LA Datasheet HTML 1Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 2Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 3Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 4Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 5Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 6Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 7Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 8Page - Infineon Technologies AG IPF09N03LA Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPF09N03LA
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1240
1649
pF
Output capacitance
C oss
-
530
704
Reverse transfer capacitance
Crss
-
81
122
Turn-on delay time
t d(on)
-
8.7
13
ns
Rise time
t r
-
8.5
14
Turn-off delay time
t d(off)
-22
33
Fall time
t f
-
4.2
6.2
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-4
6
nC
Gate charge at threshold
Q g(th)
-
2.0
2.6
Gate to drain charge
Q gd
-
3.1
4.7
Switching charge
Q sw
-5
8
Gate charge total
Q g
-10
14
Gate plateau voltage
V plateau
-
3.5
-
V
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 5 V
-
9
12
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-11
15
Reverse Diode
Diode continous forward current
I S
-
-
50
A
Diode pulse current
I S,pulse
-
-
350
Diode forward voltage
V SD
V GS=0 V, I F=50 A,
T j=25 °C
-
1.0
1.2
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
10
nC
5) See figure 16 for gate charge parameter definition
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=25 A, R G=2.7 Ω
V DD=15 V, I D=25 A,
V GS=0 to 5 V
Rev. 1.2
page 3
2003-12-19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com