Electronic Components Datasheet Search
  English  ▼

X  

WT18-3P131 Datasheet(PDF) 3 Page - SICK AG

Part # WT18-3P131
Description  Photoelectric proximity sensor, Background suppression
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WT18-3P131 Datasheet(HTML) 3 Page - SICK AG

  WT18-3P131 Datasheet HTML 1Page - SICK AG WT18-3P131 Datasheet HTML 2Page - SICK AG WT18-3P131 Datasheet HTML 3Page - SICK AG WT18-3P131 Datasheet HTML 4Page - SICK AG WT18-3P131 Datasheet HTML 5Page - SICK AG WT18-3P131 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA3/8/2016 3:58:49 AM
1) Limit values, operation in short-circuit protected network max. 8 A 2) May not exceed or fall short of VS tolerances 3) Without load 4) Signal transit time with resistive
load 5) With light/dark ratio 1:1 6) Do not bend below 0 °C 7) A = VS connections reverse-polarity protected 8) C = interference suppression 9) D = outputs
overcurrent and short-circuit protected
Output current Imax.:
100 mA
Response time:
< 700 µs 4)
Switching frequency:
700 Hz 5)
Connection type:
Cable, 4-wire, 2 m 6)
Cable material:
PVC
Circuit protection:::
A, C, D 7) 8) 9)
Weight:
120 g
Housing material:
ABS, Plastic
Optics material:
PMMA
Enclosure rating:
IP 67
Ambient operating temperature:
-40 °C ... +60 °C
Ambient storage temperature:
-40 °C ... +75 °C
UL File No.:
NRKH.E181493 & NRKH7.E181493
Dimensional drawing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com