Electronic Components Datasheet Search
  English  ▼

X  

F1200B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # F1200B
Description  Superfast Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

F1200B Datasheet(HTML) 1 Page - Diotec Semiconductor

  F1200B Datasheet HTML 1Page - Diotec Semiconductor F1200B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F1200A ... F1200G
F1200A ... F1200G
Superfast Silicon Rectifier Diodes
Superschnelle Silizium-Gleichrichterdioden
Version 2013-02-01
Dimensions - Maße [mm]
Nominal Current
Nennstrom
12 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...400 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
P600 Style
Weight approx.
Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
F1200A
50
50
F1200B
100
100
F1200D
200
200
F1200G
400
400
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
12 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
130 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
650/715 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
2112 A2s
Junction temperature – Sperrschichttemperatur
in DC forward mode – bei Gleichstrom-Durchlassbetrieb
Tj
Tj
-50...+150°C
+200°C
Storage temperature – Lagerungstemperatur
TS
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 10 K/W 1)
Thermal resistance junction to leads
Wärmewiderstand Sperrschicht – Anschlussdraht
RthL
< 2 K/W
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Type
Ø
±0.05
1.2
Ø
±0.1
8


Similar Part No. - F1200B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F1200B DIOTEC-F1200B Datasheet
93Kb / 2P
Superfast Silicon-Rectifiers
F1200B DIOTEC-F1200B Datasheet
97Kb / 2P
Superfast Silicon Rectifier Diodes
F1200B DIOTEC-F1200B Datasheet
97Kb / 2P
Superfast Silicon Rectifier Diodes
More results

Similar Description - F1200B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A_11 Datasheet
97Kb / 2P
Superfast Silicon Rectifier Diodes
FE3A DIOTEC-FE3A_10 Datasheet
91Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FX2000A DIOTEC-FX2000A Datasheet
104Kb / 2P
Superfast Silicon Rectifier Diodes
F1200A DIOTEC-F1200A_13 Datasheet
97Kb / 2P
Superfast Silicon Rectifier Diodes
FE1A DIOTEC-FE1A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
FE1A DIOTEC-FE1A_14 Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
FE2A DIOTEC-FE2A_13 Datasheet
92Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FX2000A DIOTEC-FX2000A_13 Datasheet
96Kb / 2P
Superfast Silicon Rectifier Diodes
FE6A DIOTEC-FE6A_12 Datasheet
93Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FX2000A DIOTEC-FX2000A_15 Datasheet
96Kb / 2P
Superfast Silicon Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com