Electronic Components Datasheet Search
  English  ▼

X  

ISA2409 Datasheet(PDF) 3 Page - XP Power Limited

Part # ISA2409
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ISA2409 Datasheet(HTML) 3 Page - XP Power Limited

  ISA2409 Datasheet HTML 1Page - XP Power Limited ISA2409 Datasheet HTML 2Page - XP Power Limited ISA2409 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ISA Series
www.xppower.com
DC-DC Converter
3
01 Dec 14
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD Immunity
EN61000-4-2
3B
Radiated Immunity
EN61000-4-3
3 V/m
A
EFT/Burst
EN61000-4-4
2B
External input capacitor required, 330 µF/100 V
Surge
EN61000-4-5
2B
External input capacitor required, 330 µF/100 V
Conducted Immunity
EN61000-4-6
3 V rms
A
Magnetic Fields
EN61000-4-8
1 A/m
A
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55022
Class B
See Application Note for Class B filter
Radiated
EN55022
Class B
See Application Note for Class B filter
EMI Filter for Class B Emissions
Application Note
Output Voltage
C1
±5
4.70 µF
±9
2.20 µF
±12
1.00 µF
±15
1.00 µF
±24
0.47 µF
ISA
+ Vout
-Vout
C
C
0 V
+ Vin
-Vin
6.8 µH
4.7 µF, 50 V
Load Regulation
Load (%)
For all other models
0
50
Typical Load Curve
70
100
100
105
110
+2.5%
-2.5%
-7.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com