Electronic Components Datasheet Search
  English  ▼

X  

IST Datasheet(PDF) 1 Page - XP Power Limited

Part # IST
Description  Industry Standard Pinout
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IST Datasheet(HTML) 1 Page - XP Power Limited

  IST Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23-April-15
P O W E R I N G
T H E
W O R L D ’ S
C R I T I C A L
S Y S T E M S
Specification
2 Watts
•
Single Output
•
SMD Package
•
Industry Standard Pinout
•
1000 VDC Isolation
•
MTBF >3.5 MHrs
•
-40 °C to +85 °C Operation
•
3 Year Warranty
IST Series
Input
Input Voltage Range
• Nominal ±10%
Input Reverse Voltage
• None
Protection
Output
Output Voltage
•
See table
Minimum Load
• 10%(2)
Line Regulation
• 1.2%/1% Δ Vin
Load Regulation
• 7.5% max for a 10-100% load change
Setpoint Accuracy
• 100-110% of nominal at 10% load
Ripple & Noise
• 200 mV pk-pk 20 MHz bandwidth
Temperature Coefficient
• 0.03%/°C
General
Efficiency
• See table
Isolation Voltage
• 1000 VDC
Isolation Resistance
• 109
Ω
Switching Frequency
• 500 kHz typical at nominal input, full load
MTBF
• >3.5 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C
Storage Temperature
• -55 °C to +125 °C
Case Temperature
• 105 °C max
Cooling
• Convection-cooled
Lead Temperature
• 260 °C, 0.06 in (1.5 mm) from case, 10 s
xppower.com
Input Voltage
Output Voltage Output Current Efficiency (typ) Model Number(1)
5 VDC
15.0 V
133 mA
79%
IST0515A
24 VDC
5.0 V
400 mA
78%
IST2405A†^
12.0 V
167 mA
80%
IST2412A†^
Mechanical Details
0.300
(7.62)
0.100
(2.54)
0.010
(0.25)
0.079
(2.00)
0.039
(1.00)
0.100 ±0.004
(2.54 ±0.10)
0.024 ±0.002
(0.60 ±0.05)
0.500 (12.70)
Standard
Top View
Side View
1234
5
876
0.266
(6.76)
0.012
(0.30)
0.073
(1.85)
0.28
(7.19)
0.02
(0.50)
0.05
(1.35)
5º
A
Pin
Standard
1
-Vin
2
+Vin
4
0 V
5
+Vo
3,6,7
N.C.
8
N.C.
N.C. Not connected
1. All dimensions in inches (mm)
2. Tolerance: ±0.010 (±0.25)
3.Weight: 0.004 lbs (1.7 g)
4. Pin tolerance: ±0.004 (±0.10 mm)
Notes
Recommended footprint
Top view grid: 0.1 x 0.1 in (2.54 x 2.54 mm)
Notes
1. For alternative pin out, add suffix ‘-X’ to end of part number eg. IST2415A-X.
2. Operation at no load will not damage device but may not meet all specifications.


Similar Part No. - IST

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
IST-17 LEADSHINE-IST-17 Datasheet
349Kb / 8P
Motor Drive, 18-38VDC, NEMA17, 0.3-0.6Nm
logo
List of Unclassifed Man...
IST-17L12CO10-0 ETC-IST-17L12CO10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12CO10-1 ETC-IST-17L12CO10-1 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12EC10-0 ETC-IST-17L12EC10-0 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
IST-17L12EC10-1 ETC-IST-17L12EC10-1 Datasheet
577Kb / 5P
Integrated Closed Loop Stepper Motor
Rev. 5.2
More results

Similar Description - IST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0040PBF IRF-IRLML0040PBF_15 Datasheet
197Kb / 10P
Industry-standard pinout
IRLML0060PBF IRF-IRLML0060PBF_15 Datasheet
205Kb / 10P
Industry-standard pinout
logo
Minmax Technology Co., ...
MA01-HI MINMAX-MA01-HI Datasheet
405Kb / 4P
Industry Standard Pinout
logo
Texas Instruments
UCC27524D TI1-UCC27524D Datasheet
2Mb / 43P
Industry-Standard Pinout
logo
XP Power Limited
ISQ XPPOWER-ISQ Datasheet
223Kb / 1P
Industry Standard Pinout
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
Industry Standard Pinout
logo
National Semiconductor ...
NMC6514 NSC-NMC6514 Datasheet
323Kb / 6P
industry standard pinout
NMC6518 NSC-NMC6518 Datasheet
339Kb / 6P
industry standard pinout
logo
Infineon Technologies A...
IRLML0060TRPBF INFINEON-IRLML0060TRPBF Datasheet
297Kb / 10P
Industry-Standard Pinout
2016-12-20
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
Industry-standard pinout
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com