Electronic Components Datasheet Search
  English  ▼

X  

FR3J Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FR3J
Description  Fast Recovery SMD Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FR3J Datasheet(HTML) 1 Page - Diotec Semiconductor

  FR3J Datasheet HTML 1Page - Diotec Semiconductor FR3J Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR3A ... FR3M
FR3A ... FR3M
Fast Recovery SMD Rectifier Diodes
SMD-Gleichrichterdioden mit schnellem Sperrverzug
IFAV = 3 A
VF
< 1.3 V
Tjmax = 150°C
VRRM = 50...1000 V
IFSM = 100/110 A
trr
< 150...500 ns
Version 2015-10-20
~ SMC / ~ DO-214AB
Dimensions - Maße [mm]
Typical Applications
Rectification of medium frequencies,
Snubber or Bootstrap diodes
Commercial grade 1)
Typische Anwendungen
Gleichrichtung mittlerer Frequenzen
Beschaltungs- oder Bootstrapdioden
Standardausführung 1)
Features
VRRM up to 1000 V
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
VRRM bis zu 1000 V
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
3000 / 13“
Gegurtet auf Rolle
Weight approx.
0.21 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings and Characteristics 2)
Grenz- und Kennwerte 2)
Type
Typ
Rep. peak reverse voltage
Period. Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Reverse recovery time
Sperrverzugszeit
trr [ns]3 )
FR3A
50
50
< 150
FR3B
100
100
< 150
FR3D
200
200
< 150
FR3G
400
400
< 150
FR3J
600
600
< 250
FR3K
800
800
< 500
FR3M
1000
1000
< 500
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
3 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
15 A 4)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100/110 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
50 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
IF = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
4
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.15
Type
Typ
1.2
7.9±0.2
7.2±0.5
Pb
RoHS


Similar Part No. - FR3J

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR3J SURGE-FR3J Datasheet
80Kb / 2P
FAST SWITCHING SURFACE MOUNT RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT -3.0 Amperes?
logo
Transys Electronics
FR3J TRSYS-FR3J Datasheet
145Kb / 3P
FAST SWITCHING SURFACE MOUNT RECTIFIER
logo
Dc Components
FR3J DCCOM-FR3J Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR3J MCC-FR3J Datasheet
87Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR3J DIOTEC-FR3J Datasheet
165Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results

Similar Description - FR3J

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A_15 Datasheet
138Kb / 2P
Fast Recovery SMD Rectifier Diodes
FR2A DIOTEC-FR2A_15 Datasheet
139Kb / 2P
Fast Recovery SMD Rectifier Diodes
FR2TSMA DIOTEC-FR2TSMA_15 Datasheet
147Kb / 2P
Fast Recovery SMD Rectifier Diodes
RGL1A DIOTEC-RGL1A_15 Datasheet
141Kb / 2P
Fast Recovery SMD Rectifier Diodes
RGL34A DIOTEC-RGL34A_15 Datasheet
142Kb / 2P
Fast Recovery SMD Rectifier Diodes
SA154 DIOTEC-SA154_15 Datasheet
150Kb / 2P
Fast Recovery SMD Rectifier Diodes
SA261 DIOTEC-SA261_15 Datasheet
155Kb / 2P
Fast Recovery SMD Rectifier Diodes
FRL1A DIOTEC-FRL1A Datasheet
157Kb / 2P
Fast Recovery SMD Rectifier Diodes
logo
DIOTEC Electronics Corp...
FRL1A DEC-FRL1A_15 Datasheet
157Kb / 2P
Fast Recovery SMD Rectifier Diodes
logo
Diotec Semiconductor
FR1A DIOTEC-FR1A_18 Datasheet
144Kb / 2P
Fast Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com