Electronic Components Datasheet Search
  English  ▼

X  

STL20NF06LAG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL20NF06LAG
Description  Automotive-grade N-channel 60 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL20NF06LAG Datasheet(HTML) 3 Page - STMicroelectronics

  STL20NF06LAG Datasheet HTML 1Page - STMicroelectronics STL20NF06LAG Datasheet HTML 2Page - STMicroelectronics STL20NF06LAG Datasheet HTML 3Page - STMicroelectronics STL20NF06LAG Datasheet HTML 4Page - STMicroelectronics STL20NF06LAG Datasheet HTML 5Page - STMicroelectronics STL20NF06LAG Datasheet HTML 6Page - STMicroelectronics STL20NF06LAG Datasheet HTML 7Page - STMicroelectronics STL20NF06LAG Datasheet HTML 8Page - STMicroelectronics STL20NF06LAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STL20NF06LAG
Electrical ratings
DocID028240 Rev 1
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID(1)(2)
Drain current (continuous) at Tcase = 25 °C
20
A
Drain current (continuous) at Tcase = 100 °C
20
IDM(1)(3)
Drain current (pulsed)
80
A
ID(4)
Drain current (continuous) at Tpcb = 25 °C
7.4
A
Drain current (continuous) at Tpcb = 100 °C
5.2
IDM
Drain current (pulsed)
29.6
A
PTOT
Total dissipation at Tcase = 25 °C
75
W
PTOT
Total dissipation at Tpcb = 25 °C
4.8
Tstg
Storage temperature
-55 to 175
°C
Tj
Operating junction temperature
Notes:
(1) This value is rated according to Rthj-c.
(2) Current limited by package.
(3) Pulse width is limited by safe operating area.
(4) This value is rated according to Rthj-pcb.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.0
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
31.3
Notes:
(1) When mounted on a 1-inch² FR-4, 2 Oz copper board, t < 10 s.
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAV
Avalanche current, not repetitive
7.4
A
EAS(1)
Single pulse avalanche energy
210
mJ
Notes:
(1) starting Tj = 25 °C, ID = IAV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com