Electronic Components Datasheet Search
  English  ▼

X  

PBA31302 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PBA31302
Description  Bluetooth Radio Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PBA31302 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PBA31302 Datasheet HTML 1Page - Infineon Technologies AG PBA31302 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
81669 München
© Infineon Technologies AG 2002. All Rights Reserved.
Attention please!
The information herein is given to describe certain components
and shall not be considered as warranted characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Infineon Technologies is an approved CECC manufacturer.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office in Germany or our
Infineon Technologies Representatives worldwide.
Warnings
Due to technical requirements components may contain dan-
gerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval
of Infineon Technologies, if a failure of such components can
reasonably be expected to cause the failure of that life-support
device or system, or to affect the safety or effectiveness of that
device or system. Life-support devices or systems are intend-
ed to be implanted in the human body, or to support and/or
maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other
persons may be endangered.
Published by Infineon Technologies AG
P RODUCT
B RI E F
Ordering No. B134-HXXX-X-X-7600
Printed in Germany
PS 12021.
NB
Hardware
PBA 313 02 is a long-range microwave frequency radio trans-
ceiver for Bluetooth communication links that are designed to
operate in the globally available unlicensed ISM frequency
band, 2.4–2.5 GHz.
Fast frequency hopping (1600 channel hops/s) with 79 chan-
nels (2.402 to 2.480 GHz) and a maximum TX & RX bit rate of
1 Mbit/s.
The implemented modulation technique is Gaussian Fre-
quency Shift Keying (GFSK) with a BT product of 0.5. The
channel bandwidth is 1 MHz and the frequency deviation is
between 140 and 175 kHz.
The Bluetooth Radio is built around a BiCMOS ASIC. Antenna
filter, RX and TX baluns are all integrated into the ceramic
carrier.
Operating from a 2.8 V supply voltage, the device has a typical
supply current requirement of only 60 mA (receive mode) or
150 mA (transmit mode), thus helping to extend battery life for
portable equipment.
A standby mode provides further power savings.
Control interface
Operating together with a Bluetooth Baseband using Bluetooth
Core from Ericsson is recommended.
Antenna interface
50 Ohm Bluetooth ISM band antenna (2.4-2.5 GHz).
Ordering information
The Bluetooth Radio from Infineon Technologies may be
ordered as: PBA 313 02/1.
Key data
Parameter
Min
Typ
Max
Unit
Frequency range
Reference clock frequency
Receiver sensitivity level
2.402
10
-86
2.480
20
GHz
MHz
dBm
Output power
Supply Voltage VCC
Supply Voltage VCC_PA
Maximum Temperature range
2.65
2.7
-30
17
2.8
3.2
20
3.0
5.5
+75
dB
V
V
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com