Electronic Components Datasheet Search
  English  ▼

X  

PBA31307 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PBA31307
Description  SINGLE STONE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PBA31307 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PBA31307 Datasheet HTML 1Page - Infineon Technologies AG PBA31307 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
Product Brief
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2004.
All Rights Reserved.
Template: pb_tmplt.fm/4
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reason-
ably be expected to cause the failure of that life-support device or
system, or to affect the safety or effectiveness of that device or sys-
tem. Life support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be endangered.
Power
Mgmt
TX
BT 1.
2
Cor
e
RX
Baseband
26 MHz
TCXO
Radi
o
RX
TX
PCM
Link
Controller
Link Manager
EEPROM
Output
Power
Control
Balun
Filte
r
UART
RAM
Voltage
Regulator
ROM
Firmwar
e
BlueMoon
Single Cellular
PMB 8761
PCM
HCI
3.0 ... 3.6 V
32.768 kHz
Bloc k Diagr a m
■
HCI-UART (2, 4 wired)
■
PCM (A-law, µ-law)
■
Wake up line
■
On-module E
2PROM for
Bluetooth device data
■
On-module 26 MHz
reference clock
■
On-module balun/filter
■
On-module voltage regulator
Ap plic ation Ex ample
Ordering No. B134-H8256-G1-X-7600
Printed in Germany
PS 04041.
NB
Pr oduct S u mm ar y
Product
Sales Code
Package
SingleStone
PBA 31307
Module 11.86 x 10.6 mm²,
72 pads at 1.27 mm pitch
Home Infot a inment
Bringing mobile connectivity to your home. Due to its standardized HCI-UART interface, SingleStone is the perfect module
for easy integration into all kinds of consumer electronic devices. Having all RF components integrated and being
Bluetooth 1.2 pre-qualified, it allows shortest time-to-market at unbeatable value for money.
Similarly, all these applications can be realized in the automotive and industrial environment (e.g. car infotainment),
as SingleStone meets segments’ extended quality requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com