Electronic Components Datasheet Search
  English  ▼

X  

KTY10-7 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # KTY10-7
Description  Silicon Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTY10-7 Datasheet(HTML) 1 Page - Infineon Technologies AG

  KTY10-7 Datasheet HTML 1Page - Infineon Technologies AG KTY10-7 Datasheet HTML 2Page - Infineon Technologies AG KTY10-7 Datasheet HTML 3Page - Infineon Technologies AG KTY10-7 Datasheet HTML 4Page - Infineon Technologies AG KTY10-7 Datasheet HTML 5Page - Infineon Technologies AG KTY10-7 Datasheet HTML 6Page - Infineon Technologies AG KTY10-7 Datasheet HTML 7Page - Infineon Technologies AG KTY10-7 Datasheet HTML 8Page - Infineon Technologies AG KTY10-7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SOT-23
SOT-23
Silicon Temperature Sensors
KTY 10-x
KTY 11-x
KTY 13-x
KTY 21-x
KTY 23-x
KTY 19-6
Data Sheet
1
2000-07-01
TO-92 Mini
1:1
KTY 19-6
Modified TO-92
KTY 16-6
KT 100
KT 110
KT 130
KT 210
KT 230
KTY 16-6
Features
• Temperature dependent resistor with positive temperature coefficient
• Temperature range – 50
°C to + 150 °C (– 60 F to 300 F)
• Available in SMD or leaded or customized packages
• Linear output
• Excellent longterm stability
• Polarity independent due to symmetrical construction
• Fast response time
• Resistance tolerances (
R
25) of ± 3% or ± 1%


Similar Part No. - KTY10-7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KTY10-7 SIEMENS-KTY10-7 Datasheet
34Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
More results

Similar Description - KTY10-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY85-1 PHILIPS-KTY85-1 Datasheet
61Kb / 12P
Silicon temperature sensors
1998 Mar 26
KTY82-2 PHILIPS-KTY82-2 Datasheet
78Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY81-1 PHILIPS-KTY81-1 Datasheet
109Kb / 16P
Silicon temperature sensors
1998 Mar 26
KTY83 PHILIPS-KTY83 Datasheet
63Kb / 11P
Silicon temperature sensors
2003 Sep 15
KTY81-1 PHILIPS-KTY81-1_00 Datasheet
83Kb / 16P
Silicon temperature sensors
2000 Aug 25
KTY82 NXP-KTY82 Datasheet
79Kb / 17P
Silicon temperature sensors
Rev. 04-14 January 2008
KTY83 NXP-KTY83 Datasheet
61Kb / 10P
Silicon temperature sensors
Rev. 06-4 April 2008
KTY81-120112 NXP-KTY81-120112 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
KTY81110 PHILIPS-KTY81110 Datasheet
78Kb / 15P
Silicon temperature sensors
Rev. 05-25 April 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com