Electronic Components Datasheet Search
  English  ▼

X  

ACT4523A Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4523A
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4523A Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4523A Datasheet HTML 7Page - Active-Semi, Inc ACT4523A Datasheet HTML 8Page - Active-Semi, Inc ACT4523A Datasheet HTML 9Page - Active-Semi, Inc ACT4523A Datasheet HTML 10Page - Active-Semi, Inc ACT4523A Datasheet HTML 11Page - Active-Semi, Inc ACT4523A Datasheet HTML 12Page - Active-Semi, Inc ACT4523A Datasheet HTML 13Page - Active-Semi, Inc ACT4523A Datasheet HTML 14Page - Active-Semi, Inc ACT4523A Datasheet HTML 15Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ACT4523A
Rev 0, 25-Jul-13
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
2720
2660
2640
2620
2600
2580
2560
2700
2680
Temperature (°C)
-20
0
20
40
60
80
140
100
120
CC Current vs. Temperature
CC Current vs. Input Voltage
2800
2700
2650
2600
2550
2500
2750
Input Voltage (V)
10
15
20
25
30
35
40
Input Voltage (V)
10
15
20
25
30
40
35
Switching Frequency vs. Input Voltage
280
270
260
250
240
230
220
210
290
Switching Frequency vs. Feedback Voltage
250
200
150
100
50
0
300
Feedback Voltage (mV)
0
100
200
300
400
500
600
700
800
900
(Schematic as show in Figure 8, Ta = 25°C, unless otherwise specified)
VOUT = 5V
VIN = 12V
IISET = 2.65A
VOUT = 5V
IISET = 2.65A
Load Current(A)
0
0.4
0.8
1.2
1.6
2.0
3.6
2.4
2.8
3.2
95
90
85
80
75
70
65
60
Efficiency vs. Load Current
VIN =12V
VIN =18V
VIN =24V
Maximum Peak Current vs. Duty Cycle
8.0
5.0
4.0
3.0
2.0
1.0
6.0
7.0
Duty Cycle
20
30
40
50
60
90
70
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com