Electronic Components Datasheet Search
  English  ▼

X  

ACT4524 Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT4524 Datasheet HTML 8Page - Active-Semi, Inc ACT4524 Datasheet HTML 9Page - Active-Semi, Inc ACT4524 Datasheet HTML 10Page - Active-Semi, Inc ACT4524 Datasheet HTML 11Page - Active-Semi, Inc ACT4524 Datasheet HTML 12Page - Active-Semi, Inc ACT4524 Datasheet HTML 13Page - Active-Semi, Inc ACT4524 Datasheet HTML 14Page - Active-Semi, Inc ACT4524 Datasheet HTML 15Page - Active-Semi, Inc ACT4524 Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ACT4524
Rev 0, 28-Jul-15
Innovative Power
TM
- 14 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
Power Off from CC load
CH4
CH3
CH2
CH1
CH1: VIN, 5V/div
CH2: VOUT, 2V/div
CH3: IL, 5A/div
CH4: SW, 10V/div
TIME: 1ms//div
TYPICAL PERFORMANCE CHARACTERISTICS
(Schematic as show in Figure 1, Ta = 25°C, unless otherwise specified)
Output Short Test
VIN = 12V
VOUT = 5.1V
IOUT = 3.6A
CH1
CH2
CH1: VOUT, 2V/div
CH2: IL, 5A/div
CH3: SW, 10V/div
TIME: 2s//div
Output Short Recovery
CH1
CH2
CH3
CH3
CH1: VOUT, 2V/div
CH2: IL, 5A/div
CH3: SW, 10V/div
TIME: 2s//div
VIN = 12V
VOUT = 5.1V
IOUT = 3.6A
SW vs. Output Voltage Ripples
VIN = 12V
IOUT1 = 0A
Iout2 = 1.0A
CH1
CH2
CH1: SW, 10V/div
CH2: VOUT1 Ripple, 50mV/div
CH3: VOUT2 Ripple, 50mV/div
TIME: 4µs/div
CH3
CH1
CH2
CH1: SW, 10V/div
CH2: VOUT1 Ripple, 50mV/div
CH3: VOUT2 Ripple, 50mV/div
TIME: 4µs/div
CH3
SW vs. Output Voltage Ripples
VIN = 12V
IOUT1 = 2.4A
Iout2= 0A
CH1
CH2
CH1: SW, 10V/div
CH2: VOUT1 Ripple, 50mV/div
CH3: VOUT2 Ripple, 50mV/div
TIME: 4µs/div
CH3
SW vs. Output Voltage Ripples
VIN = 12V
IOUT1 = 2.4A
Iout2= 1.0A
VIN = 12V
Vout=5.1V
IOUT = 3.4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com