Electronic Components Datasheet Search
  English  ▼

X  

ACT4529 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT4529
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0 ,USB Auto-Detect and USB-PD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT4529 Datasheet HTML 2Page - Active-Semi, Inc ACT4529 Datasheet HTML 3Page - Active-Semi, Inc ACT4529 Datasheet HTML 4Page - Active-Semi, Inc ACT4529 Datasheet HTML 5Page - Active-Semi, Inc ACT4529 Datasheet HTML 6Page - Active-Semi, Inc ACT4529 Datasheet HTML 7Page - Active-Semi, Inc ACT4529 Datasheet HTML 8Page - Active-Semi, Inc ACT4529 Datasheet HTML 9Page - Active-Semi, Inc ACT4529 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ACT4529
Rev1, October 13th, 2015
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
FUNCTIONAL BLOCK DIAGRAM
PWM
Controller
Driver
Current Sense
and Control
70m
4.7
OVP
CSP
CSN
GND
SW
HSB
UVLO
VIN
DP
DM
QC2.0
Detect
USB
Auto
Detect
PDC
FUNCTIONAL DESCRIPTION
Output Current Sensing and Regulation
Sense resistor is connected to CSP and CSN. The
sensed differential voltage is compared with interval
reference to regulate current. CC loop and CV loop
are in parallel. The current loop response is allowed
to have slower response compared to voltage loop.
However, during current transient response, the
inductor current overshoot/undershoot should be
controlled
within
+/-25%
to
avoid
inductor
saturation.
Cycle-by-Cycle Current Control
The conventional cycle-by-cycle peak current mode
is implemented with high-side FET current sense.
Input Over Voltage Protection
The converter is disabled if the input voltage is
above 42V (+/-2V). Device resumes operation
automatically 40ms after OVP is cleared.
Output Over Voltage Protection
Device stops switching when output over-voltage is
sensed, and resumes operation automatically when
output voltage drops to OVP- hysteresis.
Output Over Voltage Discharge
Discharge circuit starts to discharge output through
CSP pins when output over voltage is detected.
Discharge circuit brings 12V down to 5V in less
than 100ms.
Output Under-Voltage Protection /
Hiccup Mode
There is a under voltage protection (UVP)
threshold. If the UVP threshold is hit for 10us, an
over current or short circuit is assumed, and the
converter goes into hiccup mode by disabling the
converter and restarts after hiccup waiting period.
Cord Compensation
In some applications, the output voltage is
increased with output current to compensate the
potential voltage drop across output cable. The
compensation is based on the high side feedback
resistance.
The compensation voltage is derived as:
ΔVout = (VCSP-VCSN)*K
This voltage difference could be added on the
reference or turning the (VCSP-VCSN) voltage into a
sink current at FB pin to pull Vout higher than
programmed voltage.
The cord compensation loop should be very slow to
avoid potential disturbance to the voltage loop. The
voltage loop should be sufficiently stable on various
cord compensation setting.
Thermal Shutdown
If the TJ increases beyond 160°C, ACT4529 goes
into HZ mode and the timer is preserved until TJ
drops by 30°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com