Electronic Components Datasheet Search
  English  ▼

X  

POE Datasheet(PDF) 2 Page - XP Power Limited

Part # POE
Description  Power Over Ethernet Compatible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

POE Datasheet(HTML) 2 Page - XP Power Limited

  POE Datasheet HTML 1Page - XP Power Limited POE Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
09-Jun-09
POE
Models and Ratings
Output Connector J2
Pin 1
+Vout
Pin 2
+Vout
Pin 3
-Vout
Pin 4
-Vout
Mechanical Details
Notes
1. All dimensions in inches (mm). Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
SMD Component H
4.00 (101.6)
3.75 (95.3)
0.13
(3.2)
1.26
(32.0)
0.20
(5.1)
0.13
(3.2)
2.00
(50.8)
1.75
(44.5)
0.94
(23.8)
0.21
(5.3)
4X Ø0.156 (3.96) mounting holes
Ø0.312 (7.92) clearance top and bottom
0.25” Faston Ground Tab
Voltage Adjust
0.19 (4.8)
1.25 (31.8)
Input Connector J1
Pin 1
Line
Pin 2
Neutral
0.25” Faston
Earth
J1 mates with
Molex housing 09-50-1031 &
Molex series 5194 crimp terminals
J2 mates with
Molex housing 09-50-1041 &
Molex series 5194 crimp terminals
Weight: approx. 0.39 lb (175 g)
Derating Curves
20
10
30
40
50
60
70
80
0
40
80
Ambient Temp (°C)
0
60
20
20
10
30
40
50
60
70
80
Ambient Temp (°C)
0
0
40
80
100
60
20
Convection-cooled
Fan-cooled with 10 CFM
Max Power
Output Voltage
Output Current
Model Number
100 W
+56 V
1.8 A
POE100US56



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com