Electronic Components Datasheet Search
  English  ▼

X  

KTY11-7 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # KTY11-7
Description  Silicon Temperature Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KTY11-7 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button KTY11-7 Datasheet HTML 2Page - Infineon Technologies AG KTY11-7 Datasheet HTML 3Page - Infineon Technologies AG KTY11-7 Datasheet HTML 4Page - Infineon Technologies AG KTY11-7 Datasheet HTML 5Page - Infineon Technologies AG KTY11-7 Datasheet HTML 6Page - Infineon Technologies AG KTY11-7 Datasheet HTML 7Page - Infineon Technologies AG KTY11-7 Datasheet HTML 8Page - Infineon Technologies AG KTY11-7 Datasheet HTML 9Page - Infineon Technologies AG KTY11-7 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
KT- and KTY-Series Temperature Sensors
Data Sheet
6
2000-07-01
Sensor Resistance
R
T = kT × R25 = f (TA)
I
B = 1 mA; Example: R25 = 2000 Ω
Typical Dependence of Sensor
Resistance on Supply Current
Example: KTY 10-6 in oil at
T
A = 25 °C
Sensor Resistance
R
T = kT × R25 = f (TA)
I
B = 1 mA; Example: R25 = 1000 Ω
Typical Dependence of Sensor
Resistance on Supply Current
Example: KTY 21-6 in oil at
T
A = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com