Electronic Components Datasheet Search
  English  ▼

X  

SDM Datasheet(PDF) 3 Page - XP Power Limited

Part # SDM
Description  Medical Approvals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDM Datasheet(HTML) 3 Page - XP Power Limited

  SDM Datasheet HTML 1Page - XP Power Limited SDM Datasheet HTML 2Page - XP Power Limited SDM Datasheet HTML 3Page - XP Power Limited SDM Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SDM300
Models and Ratings
Output
Voltage
Output Power
Output Current
Model Number(3,4,5)
Forced Cooled
Convection Cooled
Forced Cooled
Convection Cooled
Peak(2)
12 V
300 W
150 W
25.00 A
12.50 A
50.00 A
SDM300PS12
15 V
300 W
150 W
20.00 A
10.00 A
40.00 A
SDM300PS15(6)
24 V
300 W
150 W
12.50 A
6.25 A
25.00 A
SDM300PS24
36 V
300 W
150 W
8.33 A
4.17 A
16.67 A
SDM300PS36(6)
48 V
300 W
150 W
6.25 A
3.12 A
12.50 A
SDM300PS48
V1: +5.00 V
V2: +12.0 V
240 W
120 W
24.00 A
13.3 A
12.00 A
6.67 A
28.80 A
16.00 A
SDM300PD0512
V1: +12.0 V
V2: +24.0 V
240 W
120 W
13.33 A
6.67 A
6.67 A
3.33 A
16.00 A
8.00 A
SDM300PD1224
Notes
1. Ripple & noise is measured using a 0.1 µF ceramic capacitor in parallel with
22 µF electrolytic and 20 MHz bandwidth
2. Peak load can be taken for 500 µs. Average power not to exceed max power.
3. Add suffix ‘D’ for optional output terminal block on single output models
except the 12 V output models which are only available with
4. Add suffix ‘G’ for optional input terminal blocks eg. SDM300PS24DG-F, except
for enclosed with end fan (option ‘-E’) which has input terminal blocks as
standard.(6)
5. Add suffix ‘H’ for optional molex output terminal on dual output models used in
convection applications.(6)
6. Available for OEM quantities, contact Sales.
U Channel
Mechanical Details
3.20
(81.28)
0.75 (19.05)
A
A
A
A
A
A
0.55
(13.90)
2.70 (68.58)
0.32 (8.26)
2.55 (64.77)
1.75 (44.52)
5.00 (127.00)
1.50
(38.10)
4.50 (114.30)
0.25
(6.35)
0.25
(6.35)
CN1
Voltage Adj. internally
on daughter board
DUAL
DCOK
RTN
FF
INH
CN3
FAN
FAN
DCOK
RTN
FF
INH
CN3
CN2
SINGLE
See Connector Notes
for mating parts
Input Connector
FG
N
L
+
-
FF
+
-
FF
VO-
VO+
CN2
RTN
V2
V1
Notes
1. All dimensions are in inches (mm
2. Tolerance: ±0.012 (±0.3)
3. Weight: U-Channel: 1.1 lbs (500 g)
4. Mounting holes and mating half connectors common to all models.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com