Electronic Components Datasheet Search
  English  ▼

X  

VEF Datasheet(PDF) 1 Page - XP Power Limited

Part # VEF
Description  Energy Efficiency Level V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEF Datasheet(HTML) 1 Page - XP Power Limited

  VEF Datasheet HTML 1Page - XP Power Limited VEF Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
65 Watts
•
Energy Efficiency Level V
•
CEC 2008 / EISA 2007 / ErP Compliant
•
China Compulsory Certfication (CCC) Qualified
•
Single Outputs from 12 V to 24 V
•
Optional Inlet Connectors
•
No Load Input Power <0.3 W
•
High Power Density
VEF Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 1.7 A max
Inrush Current
• 70 A max at 230 VAC, cold start at 25 °C
Earth Leakage Current
• <0.7 mA at 240 VAC/50 Hz
No Load Input Power
• <0.3 W
Input Protection
• Internal T4.0A/250 V fuse in line
Output
Output Voltage
• See table
Initial Set Accuracy
• ±5% at 50% load
Minimum Load
• No minimum load required
Hold Up Time
• 8 ms min at 115 VAC, full load
Start Up Delay
• 3 s max
Start Up Rise Time
• 8 ms typical
Transient Response
• 4% maxiumum deviation, recovering to
less than 1% within 500 µs for a 50%
step load change
Line Regulation
• ±0.5% max
Load Regulation
• ±5% max
Ripple & Noise
• 240 mv pk-pk max, 20 MHz bandwidth
(see note 1)
Overvoltage Protection
• See table
Overload Protection
• 110 -170%
Short Circuit Protection
• Continuous (hiccup/trip & restart mode
with auto recovery)
Temperature
• ±0.04%/˚C
Coefficient
xppower.com
General
Efficiency
• See table
Energy Efficiency
• Level V
Isolation
• 3000 VAC Input to Output,
1500 VAC Input to Ground.
Negative Output is connected to Ground.
Switching Frequency
• 65 kHz ±10 kHz
MTBF
• >700 kHrs to Bell Core iss. 6
Environmental
Operating Temperature
• -10 ˚C to +60 ˚C derate linearly from 100%
load at +40 ˚C to 50% load at +60 ˚C
Storage Temperature
• -20 ˚C to +85 ˚C
Operating Humidity
• 5% to 90% RH non-condensing
Storage Humidity
• 5% to 95% RH non-condensing
Shock
• 6 random drops from 0.7 m with no
damage, 50 g for 20 ms in each of 3 axes
Vibration
• 2 g variable frequency from 20 Hz to 30 Hz
EMC & Safety
Emissions
• EN55022, level B conducted & radiated
Harmonic Currents
• EN61000-3-2
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria B
Conducted Immunity
• EN61000-4-6, level 2 Perf Criteria A
Magnetic Field
• EN61000-4-8, 3 A/m Perf Criteria A
Dips & Interruptions
• EN55024, 100% 10 ms, 30% 500 ms,
100% 5000 ms Perf Criteria A, B, B
Safety Approvals
• IEC60950-1, EN60950-1, UL/cUL60950-1,
China Compulsory Certification (CCC)
qualified, Approved as Limited Power
Source
B R A N D


Similar Part No. - VEF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
VEF44A NSC-VEF44A Datasheet
28Kb / 1P
PLASTIC QUAD FLATPACK 10 X 10 MM 44 LEAD
logo
XP Power Limited
VEF50 XPPOWER-VEF50 Datasheet
131Kb / 2P
50 Watts VEF Series
VEF50US12 XPPOWER-VEF50US12 Datasheet
131Kb / 2P
50 Watts VEF Series
VEF50US15 XPPOWER-VEF50US15 Datasheet
131Kb / 2P
50 Watts VEF Series
VEF50US19 XPPOWER-VEF50US19 Datasheet
131Kb / 2P
50 Watts VEF Series
More results

Similar Description - VEF

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AFE220 XPPOWER-AFE220 Datasheet
338Kb / 2P
Energy Efficiency Level V
AEL XPPOWER-AEL Datasheet
494Kb / 6P
Energy Efficiency Level V
AFM XPPOWER-AFM Datasheet
363Kb / 2P
Energy Efficiency Level V
VEB15 XPPOWER-VEB15 Datasheet
130Kb / 2P
Energy Efficiency Level V
AFM120PS12 XPPOWER-AFM120PS12 Datasheet
106Kb / 2P
Energy Efficiency Level V
VEB10US05 XPPOWER-VEB10US05 Datasheet
156Kb / 2P
Energy Efficiency Level V
VEH20US05 XPPOWER-VEH20US05 Datasheet
339Kb / 2P
Energy Efficiency Level V
logo
HITRON ELECTRONICS CORP...
HEMG76 HITRON-HEMG76 Datasheet
227Kb / 2P
Energy Efficiency Level VI
HEMP252G HITRON-HEMP252G_17 Datasheet
387Kb / 2P
Energy Efficiency Level V
logo
ETA-USA
ZMB-SX-W5 ETA-USA-ZMB-SX-W5 Datasheet
2Mb / 2P
65W Meets Energy Star efficiency level V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com