Electronic Components Datasheet Search
  English  ▼

X  

LL101B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # LL101B
Description  SMD Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

LL101B Datasheet(HTML) 1 Page - Diotec Semiconductor

  LL101B_16 Datasheet HTML 1Page - Diotec Semiconductor LL101B_16 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL101B ... LL101C
LL101B ... LL101C
SMD Schottky Barrier Diodes
SMD Schottky-Dioden
IFAV = 15 mA
VF1 < 0.39 V
Tjmax = 125°C
VRRM = 40...50 V
IFSM = 2 A
trr
~ 1 ns
Version 2016-02-03
~ SOD-80C
Glass MiniMELF
Dimensions - Maße [mm]
Typical Applications
Signal processing,
High-speed switching
Commercial grade 1)
Typische Anwendungen
Signalverarbeitung,
Schnelles Schalten
Standardausführung 1)
Features
Very high switching speed
Low junction capacitance
Low leakage current
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Extrem schnelles Schalten
Niedrige Sperrschicht-Kapazität
Niedriger Sperrstrom
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
2500 / 7“
Gegurtet auf Rolle
Weight approx.
0.04 g
Gewicht ca.
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Maximum ratings 2)
Grenzwerte 2)
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
LL101C
40
40
LL101B
50
50
Power dissipation
Verlustleistung
TA = 25°C
Ptot
400 mW 3)
Max. average forward current
Dauergrenzstrom
TA = 25°C
IFAV
15 mA 3)
Peak forward surge current, 10 µs square pulse
Stoßstrom für einen 10 µs Rechteckimpuls
Tj = 25°C
IFSM
2 A
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+200°C
-55...+200°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
Tj = 25°C unless otherwise specified – Tj = 25°C wenn nicht anders angegeben
3
Mounted with 3 mm2 copper pads at each terminal – Montage mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
Pb
RoHS


Similar Part No. - LL101B_16

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
LL101B DIOTEC-LL101B_10 Datasheet
87Kb / 1P
Surface Mount Si-Schottky Diodes
LL101B DIOTEC-LL101B_13 Datasheet
134Kb / 1P
Surface Mount Si-Schottky Diodes
More results

Similar Description - LL101B_16

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
SMD Schottky Barrier Diodes
CDBW0520L-G COMCHIP-CDBW0520L-G Datasheet
450Kb / 2P
SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
SMD Schottky Barrier Diodes
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
SMD Schottky Barrier Diodes
logo
Comchip Technology
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
SMD Schottky Barrier Diodes
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
SMD Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com