Electronic Components Datasheet Search
  English  ▼

X  

MCL103B Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MCL103B
Description  Surface Mount Small Signal Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MCL103B Datasheet(HTML) 1 Page - Diotec Semiconductor

  MCL103B_06 Datasheet HTML 1Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MCL103B, MCL103C
MCL103B, MCL103C
Surface Mount Small Signal Diodes
Kleinsignal-Dioden für die Oberflächenmontage
Version 2006-10-30
Dimensions - Maße [mm]
Power dissipation
Verlustleistung
400 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
20...30 V
Glass case Quadro-MicroMELF
Glasgehäuse Quadro-MicroMELF
(LS-31)
Weight approx. – Gewicht ca.
0.01 g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings and characteristics
Grenz- und Kennwerte
MCL103B
MCL103C
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM
30 V
20 V
Leakage current, Tj = 25°C
Sperrstrom, Tj = 25°C
VR = 20 V
IR
5 µA
–
VR = 10 V
IR
–
5 µA
Forward voltage, Tj = 25°C
Durchlass-Spannung, Tj = 25°C
IF = 20 mA
VF
< 0.37 V
IF = 200 mA
VF
< 0.6 V
Power dissipation − Verlustleistung
TA = 25°C
Ptot
400 mW 1)
Peak forward surge current, 10 µs square pulse
Stoßstrom für einen 10 µs Rechteckimpuls
TA = 25°C
IFSM
15 A
Max. junction capacitance – Max. Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Cj
typ. 50 pF
Reverse recovery time – Sperrverzug
IF = 200 mA über/through IR = 200 mA bis/to IR = 20 mA
trr
typ. 10 ns
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+175°C
-55…+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 300 K/W 1)
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1


Similar Part No. - MCL103B_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL103B-TR VISHAY-MCL103B-TR Datasheet
122Kb / 5P
Small Signal Schottky Diodes
07-Mar-06
MCL103B-TR VISHAY-MCL103B-TR Datasheet
78Kb / 5P
Small Signal Schottky Diodes
09-May-12
MCL103B-TR3 VISHAY-MCL103B-TR3 Datasheet
122Kb / 5P
Small Signal Schottky Diodes
07-Mar-06
MCL103B-TR3 VISHAY-MCL103B-TR3 Datasheet
78Kb / 5P
Small Signal Schottky Diodes
09-May-12
logo
Diotec Semiconductor
MCL103B DIOTEC-MCL103B_18 Datasheet
136Kb / 2P
SMD Small Signal Schottky Diodes
More results

Similar Description - MCL103B_06

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
MCL101B DIOTEC-MCL101B Datasheet
88Kb / 1P
Surface Mount Small Signal Diodes
LS4148 DIOTEC-LS4148_07 Datasheet
103Kb / 2P
Surface Mount Small Signal Diodes
MCL4148 DIOTEC-MCL4148_07 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_11 Datasheet
96Kb / 2P
Surface Mount Small Signal Diodes
1N4148W DIOTEC-1N4148W_14 Datasheet
94Kb / 2P
Surface Mount Small Signal Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com