Electronic Components Datasheet Search
  English  ▼

X  

STPSC12H065C Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPSC12H065C
Description  650 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12H065C Datasheet(HTML) 7 Page - STMicroelectronics

  STPSC12H065C Datasheet HTML 1Page - STMicroelectronics STPSC12H065C Datasheet HTML 2Page - STMicroelectronics STPSC12H065C Datasheet HTML 3Page - STMicroelectronics STPSC12H065C Datasheet HTML 4Page - STMicroelectronics STPSC12H065C Datasheet HTML 5Page - STMicroelectronics STPSC12H065C Datasheet HTML 6Page - STMicroelectronics STPSC12H065C Datasheet HTML 7Page - STMicroelectronics STPSC12H065C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DocID024809 Rev 3
7/8
STPSC12H065C
Ordering information
8
3
Ordering information
4
Revision history
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPSC12H065CT
PSC12H065CT
TO-220AB
1.86 g
50
Tube
Table 8. Document revision history
Date
Revision
Changes
24-Jun-2013
1
First issue.
07-Nov-2013
2
Updated Figure 1 and Figure 2.
10-Dec-2015
3
Updated cover page and Table 7.
Format updated to current standard.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com