Electronic Components Datasheet Search
  English  ▼

X  

LSF0101 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  Channel Bidirectional Multi-Voltage Level Translator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0101 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 16Page - Texas Instruments LSF0101 Datasheet HTML 17Page - Texas Instruments LSF0101 Datasheet HTML 18Page - Texas Instruments LSF0101 Datasheet HTML 19Page - Texas Instruments LSF0101 Datasheet HTML 20Page - Texas Instruments LSF0101 Datasheet HTML 21Page - Texas Instruments LSF0101 Datasheet HTML 22Page - Texas Instruments LSF0101 Datasheet HTML 23Page - Texas Instruments LSF0101 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
Time - ns
0
2.5E+0
5E+0
7.5E+0
1E+1
1.25E+1
1.5E+1
1.75E+1
2E+1
2.25E+1
2.5E+1
-5E-1
0
5E-1
1E+0
1.5E+0
2E+0
2.5E+0
3E+0
3.5E+0
Input
Output
Time - ns
0
3E+0
6E+0
9E+0
1.2E+1
1.5E+1
1.8E+1
2.1E+1
2.4E+1
2.7E+1
3E+1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
Output
Input
20
LSF0101, LSF0102, LSF0108
SDLS966G – DECEMBER 2013 – REVISED FEBRUAURY 2016
www.ti.com
Product Folder Links: LSF0101 LSF0102 LSF0108
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Layout Example (continued)
Figure 14. Waveform From TP1 (Pull-up Resistor: 160-
Ω
and 50-pF Capacitance 3.3 V to 1.8 V at 100 MHz)
Figure 15. Waveform From TP2 (Pull-up Resistor: 160-
Ω
and 50-pF Capacitance 1.8 V to 3.3 V at 100 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com