Electronic Components Datasheet Search
  English  ▼

X  

SN74HC74DB Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC74DB
Description  Dual D-Type Positive-Edge-Triggered Flip-Flops
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC74DB Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC74DB Datasheet HTML 1Page - Texas Instruments SN74HC74DB Datasheet HTML 2Page - Texas Instruments SN74HC74DB Datasheet HTML 3Page - Texas Instruments SN74HC74DB Datasheet HTML 4Page - Texas Instruments SN74HC74DB Datasheet HTML 5Page - Texas Instruments SN74HC74DB Datasheet HTML 6Page - Texas Instruments SN74HC74DB Datasheet HTML 7Page - Texas Instruments SN74HC74DB Datasheet HTML 8Page - Texas Instruments SN74HC74DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
2D
NC
2CLK
NC
2PRE
1CLK
NC
1PRE
NC
1Q
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2D
2CLK
2PRE
2Q
2Q
SN54HC74, SN74HC74
www.ti.com
SCLS094E – DECEMBER 1982 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
N, NS, D, DB, PW, J, or W Package
FK Package
14-Pin PDIP, SO, SOIC, SSOP, TSSOP, CDIP, or CFP
20-Pin LCCC
Top View
Top View
NC – No internal connection
Pin Functions
PIN
SOIC, SSOP, CDIP,
I/O
DESCRIPTION
NAME
LCCC
PDIP, SO, TSSOP, CFP
NO.
1CLK
4
3
I
Clock input
1CLR
2
1
I
Clear input - Pull low to set 1Q output low
1D
3
2
I
Input
1PRE
6
4
I
Preset input
1Q
8
5
O
Output
1Q
9
6
O
Inverted output
2CLK
16
11
I
Clock input
2CLR
19
13
I
Clear input - Pull low to set 1Q output low
2D
18
12
I
Input
2PRE
14
10
I
Preset input
2Q
13
9
O
Output
2Q
12
8
O
Inverted output
GND
10
7
—
Ground
1
5
7
NC
—
—
No connect (no internal connection)
11
15
17
VCC
20
14
—
Supply
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC74 SN74HC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com