Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC08AD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC08AD
Description  Quadruple 2-Input Positive-AND Gates
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC08AD Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74LVC08AD Datasheet HTML 8Page - Texas Instruments SN74LVC08AD Datasheet HTML 9Page - Texas Instruments SN74LVC08AD Datasheet HTML 10Page - Texas Instruments SN74LVC08AD Datasheet HTML 11Page - Texas Instruments SN74LVC08AD Datasheet HTML 12Page - Texas Instruments SN74LVC08AD Datasheet HTML 13Page - Texas Instruments SN74LVC08AD Datasheet HTML 14Page - Texas Instruments SN74LVC08AD Datasheet HTML 15Page - Texas Instruments SN74LVC08AD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
–100
–80
–60
–40
–20
0
20
40
60
–1
–0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
VOH – V
VOL – V
–20
0
20
40
60
80
100
–0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
TA = 25°C, VCC = 3 V,
VIH = 3 V, VIL = 0 V,
All Outputs Switching
SN54LVC08A, SN74LVC08A
SCAS283S – JANUARY 1993 – REVISED AUGUST 2015
www.ti.com
Typical Application (continued)
10.2.3 Application Curves
Figure 6. Output Drive Current (IOL)
Figure 7. Output Drive Current (IOH)
vs LOW-level Output Voltage (VOL)
vs HIGH-level Output Voltage (VOH)
11 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in
the Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF capacitor is recommended and if there are multiple VCC pins then 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. It is ok to parallel multiple bypass capacitors to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor
should be installed as close to the power pin as possible for best results.
12 Layout
12.1 Layout Guidelines
When using multiple bit logic devices inputs should not ever float. In many cases, functions or parts of
functions of digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are
used or only 3 of the 4 buffer gates are used. Such input pins should not be left unconnected because the
undefined voltages at the outside connections result in undefined operational states. Specified below are the
rules that must be observed under all circumstances. All unused inputs of digital logic devices must be
connected to a high or low bias to prevent them from floating. The logic level that should be applied to any
particular unused input depends on the function of the device. Generally they will be tied to GND or VCC
whichever make more sense or is more convenient.
12.2 Layout Examples
Figure 8. Layout Examples
12
Submit Documentation Feedback
Copyright © 1993–2015, Texas Instruments Incorporated
Product Folder Links: SN54LVC08A SN74LVC08A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com