| Electronic Components Datasheet Search |
|
VIPER06XS Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER06XS Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 28 page ![]() Open-loop failure protection VIPER06 20/28 Doc ID 022794 Rev 1 15 Open-loop failure protection If the power supply has been designed using flyback topology and the VIPER06 is supplied by an auxiliary winding, as shown in Figure 27 and Figure 28 on page 21, the converter is protected against feedback loop failure or accidental disconnections of the winding. The following description is applicable for the schematics of Figure 27 and Figure 28 on page 21, respectively the non-isolated flyback and the isolated flyback. If RH is open or RL is shorted, the VIPER06 works at its drain current limitation. The output voltage, VOUT, will increase as does the auxiliary voltage, VAUX, which is coupled with the output through the secondary-to-auxiliary turns ratio. As the auxiliary voltage increases up to the internal VDD active clamp, VDDclamp (the value is given in Table 7 on page 8) and the clamp current injected on the VDD pin exceeds the latch threshold, IDDol (the value is given in Table 7 on page 8), a fault signal is internally generated. In order to distinguish an actual malfunction from a bad auxiliary winding design, both the above conditions (drain current equal to the drain current limitation and current higher than IDDol through the VDD clamp) have to be verified to reveal the fault. If RL is open or RH is shorted, the output voltage, VOUT, will be clamped to the reference voltage VREF_FB (for non-isolated flyback) or to the external TL voltage reference (for isolated flyback). Figure 27. FB pin connection for non-isolated flyback V COMPL D AUX nR FB VDD V AUX COMP + - to PWM R L E/A R H R R AUX C VDD V OUT RS V REF_FB from R SENSE BUS + - PWM stop CS CP |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |