Electronic Components Datasheet Search
  English  ▼

X  

PLB2800 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # PLB2800
Description  Configurable Ethernet Switch-on-a-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PLB2800 Datasheet(HTML) 2 Page - Infineon Technologies AG

  PLB2800 Datasheet HTML 1Page - Infineon Technologies AG PLB2800 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
P RODUCT B RIEF
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2003. All Rights Reserved.
Template: pb_tmplt.fm/2/2003-05-01
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dan-
gerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval
of Infineon Technologies, if a failure of such components can
reasonably be expected to cause the failure of that life-support
device or system, or to affect the safety or effectiveness of that
device or system. Life support devices or systems are intended
to be implanted in the human body, or to support and/or main-
tain and sustain and/or protect human life. If they fail, it is rea-
sonable to assume that the health of the user or other persons
may be endangered.
Ordering Information
PLB 2800 IC
Purple Design Tools
Product
Sales Code
Description
Purple
PLB 2800
48FE+2GbE/8GbE L2+
Configurable SoC
Package
P-BGA-388
Product
Sales Code
Description
Purple2800x
Purple 2800 8GbEC
LAN Switch Demo Board
Package
Main board with 8GbE copper modules
Purple2800x
Purple 2800 48+2GEF
LAN Switch Demo Board
Main board with 48FE+ 2GbE fiber modules
Purple2800x
Purple 2800 48+2GbEC
LAN Switch Demo Board
Main board with 48FE+ 2GbE copper modules
VDSL2800
SP-VDSL2800
Ethernet Access Switch
Demo Board
Main board with 24 EoVDSL ports
+2GbE uplinks
PLB 2800 Block Diagram
Small Form Factor 48
+ 2G Layer 2 Ethernet
over VDSL Switch
Application Example
Packet Buffer &
Resolution Interface
Queue & Packet
Buffer Interface
Tx MAC Interface
Tx/Rx Buffer
Rx MAC
Interface &
Parser
Gigabit
Ethernet
MAC
x 2
2 x MII/GMII/TBI
x 6
Packet Buffer &
Resolution Interface
Queue & Packet
Buffer Interface
Tx MAC Interface
Tx/Rx Buffer
Rx MAC
Interface &
Parser
1 x Gigabit
Ethernet
MAC/8 x FE
MAC
48 x SMII or
6 x MII/GMII/TBI
Queue & Packet
Buffer Interface
Packet Buffer &
Resolution Interface
CPU MAC
Tx/Rx Buffer
Tx MAC
Interface
Rx MAC
Interface
& Parser
MBOX
1-4
MBOX Control
and Status
Packet
Resolution
Packet
Manager
Queue
Manager
Queue Memory
(SRAM)
32 bit
MIPS64 5Kc
Core
Instruction
Cache
Data
Cache
VCPU
FPI Bus
LED Control/
MDIO/GPIO/IIC
Interface
eDRAM
Bank2
eDRAM
Bank1
256 bit
256 bit
SDRAM
Controller/
Host Interface
Address
Table and
VLAN Memory
(SRAM)
GbE
PHY
GbE
PHY
EoVDSL
PHY
Up to 48
EoVDSL
PHY
MII/GMII/TBI
MII/GMII/TBI or SMII
2 MB
Packet
Buffer
(eDRAM)
8 k MAC
Addresses
(eSRAM)
High
Performance
64-bit MIPS
CPU
PLB 2800
48+2G
(40+3G, 32+4G, 24+5G,
16+6G, 8+7G, 8G)
Switch-on-a-Chip
I2C
LEDs
Up to
256 MB
SDRAM
Other PCI
Master/Slaves
Ordering No. B115-H8208-X-X-7600
Printed in Germany
PS 05031.
NB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com