Electronic Components Datasheet Search
  English  ▼

X  

TMC150 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMC150
Description  150 Watts AC/DC Medical & ITE Grade Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMC150 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMC150 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMC150 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMC150 Series
150 Watts AC/DC Medical & ITE Grade Power Supplies
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT SPECIFICATIONS
Input Voltage Range .............. 90-264 VAC
Input Frequency ..................... 47-63 Hz
Input Current .......................... 1.7A rms @ 115 VAC,
0.85A rms @ 230 VAC
Inrush Current ....................... 80A @ 115 VAC or 160A @ 230 VAC,
at 25°C cold start
Earth Leakage Current .......... 105 µA max. @ 264 VAC, 63 Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ........... See table
Minimum Load ...................... Not required
Tolerance ............................... ±2%
Ripple and Noise* ................. 1% Vp-p, 20 MHz bandwidth
Remote Sense ...................... Compensates cable losses up
to 0.5V
Overvoltage Protection .......... Set at 112-140% of its nominal
output voltage
Overcurrent Protection .......... Protected to short-circuit
conditions
Temperature Coefficient ....... ±0.04%/°C max.
Transient Response ............. Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500 µs after a
25% step load change
No Load Power Cons. .......... <0.5W w/o PFD, <1W with PFD
* Measured with a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor
at rated line voltage and load ranges.
FEATURES
• 2" x 4" x 1.2" Open Frame
• Low Leakage Current
• BF Rated Outputs
• Remote Sense & Optional PFD
• 0.5W No Load Power Consumption
GENERAL SPECIFICATIONS
Switching Frequency ............. 133 kHz typical
Power Factor ......................... 0.98 typical, with active PFC
Efficiency ............................... 87% typical @ 115 VAC,
89% typical @ 230 VAC
Hold-up Time ......................... 10 ms min. @ 120 VAC
Operating Altitude .................. 5,000 meters max.
Line Regulation ..................... ±0.5% max. @ full load
Operating Temperature ........ 0°C to +70°C
Derating ................................. Derate from 100% @ +50°C
linearly to 50% @ +70°C,
applicable to convection and
forced-air cooling conditions
Storage Temperature ............ -40°C to +85°C
Relative Humidity .................. 5% to 95% non-condensing
Withstand Voltage ................. 4,000 VAC, input-output (2 MOPP)
1,500 VAC, input-ground (1 MOPP)
1,500 VAC, output-ground
MTBF ...................................... 250 kHrs minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EN55011, EN55022 .......... Class B conducted, Class A radiated
FCC .................................... Class B conducted, Class A radiated
VCCI ................................... Class B conducted, Class A radiated
EN61000-3-2 ..................... Harmonic distortion, Class A & D
EN61000-3-3 ..................... Line flicker
EN61000-4-2 ..................... ESD, ±8 KV air and ±6 KV contact
EN61000-4-3 ..................... Radiated immunity, 3V/m
EN61000-4-4 ..................... Fast transient/burst, ±2 KV
EN61000-4-5 ..................... Surge, ±1 KV diff., ±2 KV com.
EN61000-4-6 ..................... Conducted immunity, 3 Vrms
EN61000-4-8 ..................... Magnetic field immunity, 3A/m
EN61000-4-11 ................... Voltage dips immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ............... IEC/EN 60601-1 (3rd Edition),
ANSI/AAMI ES 60601-1:2005,
CSA C22.2 No. 60601-1:08;
UL/IEC/EN 60950-1 (2nd Edition),
CSA C22.2 No. 60950-1 (2nd Edition)
Agency Approvals .............. UL, cUL, TUV, CB, CE
Other Compliance ............. RoHS
MODELS LIST
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
p
t
u
O
e
g
a
t
l
o
V
r
e
w
o
P
t
u
p
t
u
O
m
u
m
i
x
a
M
)
2
(
n
o
i
t
c
e
v
n
o
C
@
M
F
C
5
.
7
@
t
n
e
r
r
u
C
e
g
a
t
t
a
W
t
n
e
r
r
u
C
e
g
a
t
t
a
W
2
1
S
-
0
5
1
C
M
T
V
2
1A
5
3
.
8W
0
0
1A
5
.
2
1W
0
5
1
5
1
S
-
0
5
1
C
M
T
V
5
1A
7
.
6W
0
0
1A
0
1W
0
5
1
8
1
S
-
0
5
1
C
M
T
V
8
1A
6
5
.
5W
0
0
1A
4
3
.
8W
0
5
1
4
2
S
-
0
5
1
C
M
T
V
4
2A
2
.
4W
0
0
1A
5
2
.
6W
0
5
1
0
3
S
-
0
5
1
C
M
T
V
0
3A
4
3
.
3W
0
0
1A
5W
0
5
1
6
3
S
-
0
5
1
C
M
T
V
6
3A
8
7
.
2W
0
0
1A
7
1
.
4W
0
5
1
8
4
S
-
0
5
1
C
M
T
V
8
4A
1
.
2W
0
0
1A
3
1
.
3W
0
5
1
Notes:
1. Add suffix F to the P/N to order units with PFD, e.g. TMC150-S24F.
2. 168W peak power with 10% duty cycle maximum for less than 15 seconds with
the average output not to exceed the maximum power rating.


Similar Part No. - TMC150

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TMC1500A TOPSTEK-TMC1500A Datasheet
124Kb / 2P
Topstek Current Transducer
More results

Similar Description - TMC150

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC60 TRUMPOWER-TMC60 Datasheet
94Kb / 2P
37.5~64 Watts Medical & ITE AC/DC Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
300 Watts AC/DC Medical and ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com