Electronic Components Datasheet Search
  English  ▼

X  

TMPC-400H Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMPC-400H
Description  Haswell Ready Medical Grade 400W ATX Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMPC-400H Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMPC-400H Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMPC-400H Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMPC-400H
“Haswell Ready” Medical Grade 400W ATX Power Supply
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~264 VAC
Input Frequency ................... 47~63 Hz
Input Current ........................ 8A rms max. @ 100 VAC, 60 Hz
4A rms max. @ 230 VAC, 50 Hz
Inrush Current ...................... 50A @ 115 VAC, 100A @ 230 VAC,
at 25°C cold start
Earth Leakage Current ........ 150µA typical @ 264 VAC, 63 Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ............. See rating chart
Load Regulation ...................... See rating chart
Line Regulation ........................ ±1% max. @ full load
Ripple & Noise* ....................... See rating chart
Rise Time ................................. 20ms max.10-90% of the rated
output @ full load, 115/230V
Hold-up Time ........................... 12ms @ 115 VAC, 60 Hz,
................................................. 17ms @ 230 VAC, 50 Hz
Overvoltage Protection ............ +3.3V/+5V/+12V; Latch off
Overcurrent Protection ............ +3.3V/+5V/+12V; Latch off
Short-Circuit Protection ........... +3.3V/+5V/+12V/-12V; Latch off
Over-Temperature Protection .. Latch off
Temperature Coefficient .......... ±0.04%/°C max.
* Measured with 20MHz bandwidth at rated line voltage and output load ranges,
with a 10µF electrolytic capacitor in parallel with a 0.1µF ceramic disk capacitor
across the output connector.
FEATURES
• Meets ATX12V Standard
• Intel’s Haswell Compatible
• BF Rated Outputs
• 80PLUS Gold High Efficiency
• 5,000 Meters Operating Altitude
• IEC/EN 60601-1 3rd & ANSI/AAMI ES 60601-1 Approvals
GENERAL SPECIFICATIONS
Efficiency .............................. 80PLUS Gold; 87%, 90%, 87%
Power Factor ....................... 0.98 typical @ 264 VAC
Switching Frequency ........... 65-75 KHz
Operating Temperature ........ 0°C to +50°C
Derating ............................... Derate from 100% at +50°C linearly
to 50% at +70°C
Storage Temperature ........... -20°C to +80°C
Relative Humidity ................. 10% to 95% non-condensing
Cooling Fan ......................... Ball-bearing type with noise killer;
thermally controlled
Operating Altitude ................ 5,000 meters max.
Withstand Voltage ................ 4,000 VAC, input-output (2 MOPP)
1,500 VAC, input-ground (1 MOPP)
1,500 VAC, output-ground
MTBF ................................... 260K hours at 230 VAC, full load
and 25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EN/IEC 60601-1-2 ............... EMC & Immunity Performance
EN 55022, FCC, CISPR 22 . Class B, conducted & radiated
EN 61000-3-2 ...................... Harmonic distortion, Class B & D
EN 61000-3-3 ...................... Line flicker
EN 61000-4-2 ...................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 ...................... Radiated immunity, 3V/m
EN 61000-4-4 ...................... Fast transient/burst, ±2 KV
EN 61000-4-5 ...................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 ...................... Conducted immunity, 3 Vrms
EN 61000-4-8 ...................... Magnetic field immunity, 3A/m
EN 61000-4-11 ..................... Voltage dips,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ................. IEC/EN 60601-1 3rd Edition,
............................................. ANSI/AAMI ES 60601-1:2005,
............................................. CSA C22.2 No. 60601-1:08
Agency Approvals ................ UL, cUL, TUV, CB, CE
Other Compliance ................ RoHS
T
R
A
H
C
G
N
I
T
A
R
T
N
E
R
R
U
C
&
E
G
A
T
L
O
V
T
U
P
T
U
O
t
u
t
p
u
O
C
D
e
g
a
t
l
o
V
m
u
m
i
n
i
M
d
a
o
L
m
u
m
i
x
a
M
*
d
a
o
L
d
a
o
L
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
P
-
P
V
.
x
a
M
V
3
.
3
+A
1
.
0A
1
2%
5
±V
m
0
5
V
5
+A
1
.
0A
8
1%
5
±V
m
0
5
V
2
1
+
1
A
5
0
.
0A
8
1%
5
±V
m
0
2
1
V
2
1
+
2
A
1
.
0A
8
1%
5
±V
m
0
2
1
V
5
-A
0A
2
.
0%
5
±V
m
0
5
V
2
1
-A
0A
5
.
0%
5
±V
m
0
2
1
b
s
V
5
+A
0A
3%
5
±V
m
0
5
.
m
u
m
i
x
a
m
W
0
0
4
s
i
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
o
e
h
T
*
.
m
u
m
i
x
a
m
W
0
2
1
s
i
V
5
+
&
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
r
o
f
t
n
e
r
r
u
c
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*+
V
2
1
1
V
2
1
+
d
n
a
2
.
m
u
m
i
x
a
m
A
9
2
s
i


Similar Part No. - TMPC-400H

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-400 TRUMPOWER-TMPC-400 Datasheet
29Kb / 1P
400W ATX PC Power Supply
More results

Similar Description - TMPC-400H

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-400 TRUMPOWER-TMPC-400 Datasheet
29Kb / 1P
400W ATX PC Power Supply
logo
Sparkle Power Inc.
FSP250-60MPC SPI-FSP250-60MPC Datasheet
417Kb / 1P
250 Watts FLEX ATX Medical Grade Power Supply
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Tumbler Technologies + ...
TMPC400-72 TRUMPOWER-TMPC400-72 Datasheet
447Kb / 1P
400W Medical ATX PC Power Supply with Low Leakage
TMPC-600 TRUMPOWER-TMPC-600 Datasheet
246Kb / 1P
Medical Grade 600W ATX PC Power Supply
TMPC-650U TRUMPOWER-TMPC-650U Datasheet
405Kb / 2P
UPS-Ready Medical Grade 650W ATX Power Supply
TMPC-700 TRUMPOWER-TMPC-700 Datasheet
247Kb / 1P
Medical Grade 700W ATX PC Power Supply
TMPC-500H TRUMPOWER-TMPC-500H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 500W ATX Power Supply
logo
Delta Electronics, Inc.
MDS-350AD701AA DELTA-MDS-350AD701AA Datasheet
706Kb / 10P
Medical ATX Power Supply
logo
Advantech Co., Ltd.
96PS-A400WFX-2 ADVANTECH-96PS-A400WFX-2 Datasheet
414Kb / 2P
400W Flex ATX Power Supply
27-Jun-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com