Electronic Components Datasheet Search
  English  ▼

X  

TOC4 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TOC4
Description  4 Watts Single and Dual Outputs AC/DC Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TOC4 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TOC4 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TOC4 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TOC4 Series
4 Watts Single & Dual Outputs AC/DC Power Modules
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
FEATURES
• PCB Mount Switching Power Modules
• Fully Encapsulated Plastic Case
• 1.44” x 1.07” x 0.67” Compact Size
• 90-264 VAC, 47-440 Hz Universal Input
• Class II Isolation
• UL, cUL, CE & CB Approvals
INPUT SPECIFICATIONS
Input Voltage Range ........................ 90~265 VAC or 120~370 VDC
Input Frequency ............................... 47~440Hz
Input Current .................................... 110mA max. @ 115 VAC,
......................................................... 70mA max. @ 230 VAC
Inrush Current ................................. 15A max. @ 115 VAC,
25A max. @ 230 VAC
Leakage Current ............................. 0.25mA max.
Recommended External Fuse ........ 3.15A slow-blow type
No Load Power Consumption ........ 0.3W max.
OUTPUT SPECIFICATIONS
Output Ratings ................................ See Table
Line & Load Regulations ................ See Table
Ripple & Noise ................................ See Table
Minimum Load, Single .................... Not required
Dual ...................... 25%
Hold-up Time ................................... 15ms min.
Switching Frequency ....................... 132±8 KHz
Over Power Protection .................... Hiccup technique,
......................................................... auto-recovery
Over Voltage Protection ................... Zener diode clamp
Short Circuit Protection ................... Hiccup mode, indefinite
......................................................... (auto-recovery)
Input-Output Isolation ..................... 3000 VAC
GENERAL SPECIFICATIONS
Efficiency ............................... See Table
Operating Temperature ........ -40°C to +70°C
Derating ................................. Derate linearly from 100% @+50°C
............................................... 50% @+70°C
Cooling .................................. Free air convection
Storage Temperature ............ -40°C to +85°C
Temp. Coefficient .................. ±0.02%/°C max.
Relative Humidity .................. 95% RH
MTBF ...................................... 350K hours at full load, 25°C
ambient, calculated per
............................................... MIL-HDBK-217F
Dimensions (LxWxH) .......... 1.44 x 1.07 x 0.67 inches;
36.66 x 27.16 x 17.1 mm
Case Material .......................... Plastic resin with fiberglass,
............................................... UL 94V-0 rated
Weight .................................... 26 grams
EMC & SAFETY STANDARDS
Safety Standards ................... UL/IEC 60950-1 2nd Ed.,
............................................... CSA C22.2 No. 60950-1 2nd Ed.
Agency Approvals .................. UL, cUL, CB, CE
EMI ......................................... EN55022 Class B
EMS ........................................ EN55024
.
o
N
t
c
u
d
o
r
P
3
.
3
S
-
4
C
O
T
5
S
-
4
C
O
T
8
S
-
4
C
O
T
9
S
-
4
C
O
T
2
1
S
-
4
C
O
T
5
1
S
-
4
C
O
T
4
2
S
-
4
C
O
T
e
g
a
t
l
o
V
t
u
p
t
u
O
C
D
V
3
.
3C
D
V
5C
D
V
8C
D
V
9C
D
V
2
1C
D
V
5
1C
D
V
4
2
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
M
A
m
0
0
2
1A
m
0
0
8A
m
0
0
5A
m
4
4
4A
m
3
3
3A
m
7
6
2A
m
7
6
1
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
%
2
±%
2
±%
2
±%
2
±%
2
±%
2
±%
2
±
)
L
F
-
L
N
(
n
o
i
t
a
l
u
g
e
R
d
a
o
L
%
1
±%
1
±%
1
±%
1
±%
5
.
0
±%
5
.
0
±%
5
.
0
±
)
L
H
-
L
L
(
n
o
i
t
a
l
u
g
e
R
e
n
i
L
%
2
.
0
±%
2
.
0
±%
2
.
0
±%
2
.
0
±%
2
.
0
±%
2
.
0
±%
2
.
0
±
d
a
o
L
e
v
i
t
i
c
a
p
a
C
.
x
a
M
F
µ
0
0
0
4
1F
µ
0
0
0
8F
µ
0
0
7
2F
µ
0
0
4
2F
µ
0
0
0
1F
µ
0
0
7F
µ
0
2
2
)
p
-
p
V
(
*
e
s
i
o
N
&
e
l
p
p
i
R
V
m
0
5
2
<V
m
0
5
2
<V
m
0
0
2
<V
m
0
0
2
<V
m
0
5
1
<V
m
0
0
1
<V
m
0
0
1
<
y
c
n
e
i
c
i
f
f
E
%
8
6%
2
7%
4
7%
5
7%
6
7%
6
7%
7
7
MODELS LIST - SINGLE OUTPUT


Similar Part No. - TOC4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOCA100 TOSHIBA-TOCA100 Datasheet
70Kb / 3P
SIMPLEX TYPE OPTICAL ADAPTER
TOCA150 TOSHIBA-TOCA150 Datasheet
69Kb / 3P
SIMPLEX TYPE OPTICAL ADAPTER
TOCA200 TOSHIBA-TOCA200 Datasheet
72Kb / 3P
DUPLEX TYPE OPTICAL ADAPTER
logo
sglux GmbH
TOCON_C4 SGLUX-TOCON_C4 Datasheet
464Kb / 4P
UVC-only SiC based UV photodetector with integrated amplifier
Rev. 3.1
logo
Toshiba Semiconductor
TOCP100K TOSHIBA-TOCP100K Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
More results

Similar Description - TOC4

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
LANE WALL-LANE_18 Datasheet
571Kb / 5P
1 Watts DC/DC Power Converters Single and Dual Outputs
DCIDW08 WALL-DCIDW08 Datasheet
358Kb / 5P
8 Watts DC/DC Converter Single and Dual Outputs
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
5 Watts DC/DC Converter Single and Dual Outputs
DCMJW10 WALL-DCMJW10 Datasheet
395Kb / 6P
10 Watts DC/DC Converter Single and Dual Outputs
DCMK10-HI WALL-DCMK10-HI Datasheet
324Kb / 5P
10 Watts DC/DC Converter Single and Dual Outputs
DCMW10 WALL-DCMW10 Datasheet
280Kb / 4P
10 Watts DC/DC Converter Single and Dual Outputs
MRW10 WALL-MRW10 Datasheet
990Kb / 10P
10 Watts DC/DC Converter Single and Dual Outputs
RBA6 WALL-RBA6 Datasheet
703Kb / 7P
6 Watts Single and Dual Outputs DC/DC Converter
ZF12S1.5-6000 WALL-ZF12S1.5-6000 Datasheet
445Kb / 7P
30 Watts DC/DC Power Converters Single and Dual Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com