Electronic Components Datasheet Search
  English  ▼

X  

TSA131 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TSA131
Description  130W ITE Grade Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSA131 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSA131 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TSA131 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
TSA131 Series
130W ITE Grade Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
MODELS LIST
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
p
t
u
O
e
g
a
t
l
o
V
t
u
p
t
u
O
t
n
e
r
r
u
C
l
a
t
o
T
n
o
i
t
a
l
u
g
e
R
m
u
m
i
x
a
M
r
e
w
o
P
X
X
-
1
3
1
A
S
T
V
3
1
~
2
1A
0
1
~
4
8
.
0
1%
5W
0
3
1
X
X
-
1
3
1
A
S
T
V
6
1
~
3
1A
2
1
.
8
~
0
1%
5W
0
3
1
X
X
-
1
3
1
A
S
T
V
1
2
~
6
1A
9
1
.
6
~
2
1
.
8%
5W
0
3
1
X
X
-
1
3
1
A
S
T
V
7
2
~
1
2A
1
8
.
4
~
9
1
.
6%
3W
0
3
1
X
X
-
1
3
1
A
S
T
V
3
3
~
7
2A
3
9
.
3
~
1
8
.
4%
3W
0
3
1
X
X
-
1
3
1
A
S
T
V
0
4
~
3
3A
5
2
.
3
~
3
9
.
3%
3W
0
3
1
X
X
-
1
3
1
A
S
T
V
0
5
~
0
4A
6
.
2
~
5
2
.
3%
3W
0
3
1
X
X
-
1
3
1
A
S
T
V
5
5
~
0
5A
6
3
.
2
~
6
.
2%
3W
0
3
1
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~260 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 1.58A rms @ 100 VAC,
0.64A rms @ 240 VAC
Inrush Current ..................... 30A @ 115 VAC or 50A @ 230 VAC,
at 25°C cold start
Earth Leakage Current ........ 0.75mA max. @ 240 VAC, 60Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ......... See models list
No Load Power Cons. ......... 0.5W, max.
Line Regulation ................... ±1% max.
Ripple and Noise* ............... 1% peak to peak max. at full load
Overvoltage Protection ........ Set at 112-132% of its nominal
output voltage; crowbar design
Overcurrent Protection ........ Set at 110-150% of its nominal
output voltage
Temperature Coefficient ..... ±0.04%/°C max.
Transient Response ........... 4 ms @ 110 VAC, full load
* Measured with 20MHz bandwidth at rated line voltage and output load ranges, with
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor in parallel
across the output.
GENERAL SPECIFICATIONS
Power Factor ....................... 0.95 min.
Efficiency ............................. 87% min @ full load
Switching Frequency ........... 65KHz
Start-Up Time ...................... 2s @ 110 VAC
Hold-Up Time ...................... 16ms @ 110 VAC
Operating Temperature ...... 0°C to +70°C
Derating ............................... Derate from 100% at +40°C linearly
to 50% at +70°C
Storage Temperature .......... -40°C to +85°C
Relative Humidity ................ 0°C to +95°C non-condensing
Withstand Voltage ............... 4,242 VDC from input to output
3,232 VDC from input to ground
MTBF .................................... 112K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EN 55011, EN 55022 ........ Class B, conducted & radiated
FCC, VCCI ......................... Class B, conducted & radiated
EN 61000-3-2 .................... Harmonic distortion, Class A & D
EN 61000-3-3 .................... Line flicker
EN 61000-4-2 .................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 .................... Radiated immunity, 3V/m
EN 61000-4-4 .................... Fast transient/burst, ±2 KV
EN 61000-4-5 .................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 .................... Conducted immunity, 3 Vrms
EN 61000-4-8 .................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................. Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ............... UL/IEC/EN 60950-1 (2nd Edition)
Agency Approvals .............. UL, cUL, TUV, PSE, CCC, CE, CB
Other Compliances .......... RoHS, Energy Star 2.0, CEC Level V
FEATURES
• IEC 320/C14 AC Inlet
• 12V to 55V Output Voltages Available
• Active Power Factor Correction
• 87% Minimum Efficiency
• LED Power Indicator
• Optional ON/OFF Switch
• CEC & Energy Star Level V Compliance
Notes:
1) When ordering, specify the requested voltage, e.g. TSA131-15 for 15V.
2) To order a model with an on/off switch, add suffix "-S" to the model number,
e.g. TSA131-15-S.


Similar Part No. - TSA131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSA13 ETC1-TSA13 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Tumbler Technologies + ...
TSA130 TRUMPOWER-TSA130 Datasheet
201Kb / 2P
65-130W Single & Dual Outputs Power Adapters
TSA130-D1 TRUMPOWER-TSA130-D1 Datasheet
201Kb / 2P
65-130W Single & Dual Outputs Power Adapters
TSA130-D2 TRUMPOWER-TSA130-D2 Datasheet
201Kb / 2P
65-130W Single & Dual Outputs Power Adapters
TSA130-D21 TRUMPOWER-TSA130-D21 Datasheet
201Kb / 2P
65-130W Single & Dual Outputs Power Adapters
More results

Similar Description - TSA131

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
90-105 Watts Medical & ITE Power Adapters
TMP135 TRUMPOWER-TMP135 Datasheet
107Kb / 2P
120-135 Watts Medical & ITE Power Adapters
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
200-220 Watts Medical & ITE Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
Medical and ITE Grade 300W AC/DC Power Adapters
TSA130 TRUMPOWER-TSA130 Datasheet
201Kb / 2P
65-130W Single & Dual Outputs Power Adapters
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
Medical Grade 15W Desktop Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com