Electronic Components Datasheet Search
  English  ▼

X  

TSM15 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TSM15
Description  Medical Grade 15W Desktop Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSM15 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSM15 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TSM15 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TSM15 Series
Medical Grade 15W Desktop Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
INPUT SPECIFICATIONS
Input Voltage Range ................. 90~275 VAC
Input Frequency ........................ 47~63Hz
Input Current ............................. 0.32A rms max. @ 100 VAC,
0.19A rms max. @ 240 VAC
Inrush Current .......................... 23A @ 100 VAC or 55A
@ 240 VAC, at 25°C cold start
No Load Power Consumption... 0.3W max.
Earth Leakage Current ............. 100µA max. @ 240 VAC, 60 Hz
OUTPUT SPECIFICATIONS
Output Power Ratings .............. See models list
Minimum Load ......................... Not required
Line Regulation ........................ ±1% max. @ full load
Total Regulation ....................... See models list
Ripple & Noise ......................... See models list
Overload Protection ................. Set at 110-150% of its nominal
output voltage; Auto recovery
Overvoltage Protection .............. Set at 112-132% of its nominal
output voltage
Temperature Coefficient .......... ±0.04%/°C max.
Transient Response ................ 4ms @ 110 VAC, full load
GENERAL SPECIFICATIONS
Efficiency .................................. See models list
Hold-up Time ............................ 10ms min. @ 100 VAC, full load
Start-up Time ............................ 1 second max. @ full load
Operating Temperature ........... -10°C to +70°C
Derating .................................... Derate from 100% at +50ºC
linearly to 50% at +70°C
Storage Temperature ............... -40°C to +85°C
Relative Humidity ..................... 0% to 95% non-condensing
Withstand Voltage .................... 4,000 VAC from input to output,
.................................................. 1,500 VAC from input to ground
Operating Altitude ..................... 3,000 meters max.
MTBF ......................................... 100K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
FEATURES
• IEC 320/C14 Inlet
• Class I with 2 MOPP
• LED Power Indicator
• 5V to 36V Output Voltages
• 3,000 Meters Operating Altitude
• 0.3W No Load Power Consumption
• UL, cUL, TUV, PSE, FCC, CB & CE Approvals
STANDARDS & COMPLIANCES
IEC/EN 60601-1-2 ............... EMC & Immunity Performance
EN 55011, CISPR11 ........... Class B, conducted & radiated
FCC, VCCI ........................... Class B, conducted & radiated
EN 61000-3-2 ...................... Harmonic distortion, Class B & D
EN 61000-3-3 ...................... Line flicker
EN 61000-4-2 ...................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 ...................... Radiated immunity, 3V/m
EN 61000-4-4 ...................... Fast transient/burst, ±2 KV
EN 61000-4-5 ...................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 ...................... Conducted immunity, 3 Vrms
EN 61000-4-8 ...................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................... Voltage dips,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ................. IEC/EN/UL 60601-1 (3rd Ed.),
............................................. ANSI/AAMI ES 60601-1 (1st Ed.),
............................................. CSA C22.2 No. 60601-1 (2nd Ed.)
Agency Approvals ................ UL, cUL, TUV, PSE, FCC, CE, CB
Other Compliances ............ RoHS2, CEC V
MECHANICAL SPECIFICATIONS
Unit: inch. [mm]
Tolerance: 0.02 [0.5] max.
Weight: 170g (0.38 lb) approx.
Notes:
1. Standard output connector: 2.5 x 5.5 mm or 2.1 x 5.5 mm barrel plug
2. Standard output cable: 4ft, AWG#16 for 5-7.99V output models;
4ft, AWG#18 for 8-36V output models.
3. Contact TRUMPower for other output cable and connector options.


Similar Part No. - TSM15

ManufacturerPart #DatasheetDescription
logo
StarHope
TSM150 SPSEMI-TSM150 Datasheet
826Kb / 2P
Surface Mount Devices
logo
Taiwan Semiconductor Co...
TSM150NB04CR TSC-TSM150NB04CR Datasheet
310Kb / 6P
N-Channel Power MOSFET 40V, 41A, 15m廓
TSM150NB04LCR TSC-TSM150NB04LCR Datasheet
311Kb / 6P
N-Channel Power MOSFET 40V, 41A, 15m廓
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
TSM150P03PQ33 TSC-TSM150P03PQ33 Datasheet
354Kb / 6P
TSM150P03PQ33
More results

Similar Description - TSM15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
30W Medical Grade Desktop Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
100W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
Medical Grade 15W Wall Mount Power Adapters
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
100W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
30W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
50W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
15W Medical Grade Desktop Switching Power Adapters
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
15W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
63W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com