Electronic Components Datasheet Search
  English  ▼

X  

TWM280 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TWM280
Description  280W Medical and ITE Grade AC/DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM280 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TWM280 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM280 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TWM280 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TWM280 Series
280W Medical & ITE Grade AC/DC Power Supplies
ELECTRICAL SPECIFICATIONS
Input Voltage ........................ 90~264 VAC
Input Frequency ................... 47~63 Hz
Input Current ........................ 3.5A (rms) max. @ 115 VAC,
2A (rms) max. @ 230 VAC
Inrush Current ..................... 30A max. @ 115 VAC, 60A max.
@ 230 VAC at cold start +25°C
Earth Leakage Current ........ 100 µA max. @ 264 VAC
Power Factor ........................ >0.95 @115 VAC, >0.9 @230 VAC
Output Power Ratings .......... See table
Output Voltage Regulation .. ±3%
Ripple and Noise ................ See table
Remote Inhibit ..................... Requires an external TTL high
level signal to inhibit the output
STANDARDS & COMPLIANCES
EMC Standards ................... EN 60601-1-2, EN 55024;
EN 55011/55022 & FCC Class B
Safety Standards ................. UL/IEC/EN 60601-1 3rd Edition,
............................................. UL/cUL/IEC/TUV EN 60950-1
Agency Approvals ................ UL, CUS, TUV, CE, CB, FCC
Other Compliances ............. RoHS, ErP
FEATURES
• 3" x 5" Industrial Standard Footprint
• 1.18" Low Profile Open Frame
• 0.9 to 0.95 Power Factor
• Medical & ITE Dual Approvals
• 5000m (ITE), 3000m (Medical) Operation Altitude
• Remote On/Off Control
GENERAL SPECIFICATIONS
Efficiency .................................. >91% typ. @ full load, 115 VAC
Switching Frequency ............... 80 KHz
Hold-up Time ........................... >10 ms typ. @ full load, 115 VAC
Operating Temperature ........... 0°C to +70°C
Derating ................................... Derate from 100% at +51°C
linearly to 50% at +70°C
Storage Temperature ............... -20°C to +85°C
Temperature Coefficient .......... ±1%/°C max.
Operating Humidity .................. 0% to 90% non-condensing
Short-Circuit Protection ............ Auto-recovery
Overload Protection ................. Set at 105% to 150% of the
maximum rating, Auto-recovery
Overvoltage Protection ............ Latching type, AC recycle
Withstand Voltage .................... 5,656 VDC from input to output,
2,121 VDC from input to ground,
2,121 VDC from output to ground
MTBF ........................................ >300K hours @ full load and
25°C ambient temperature
calculated per Telcordia
(Bellcore)
Notes:
1. Output Connector Suffix "T" = Terminal block, suitable for all models; Suffix "M" = Mini-fit connector, suitable for 24V and up; Suffix "J" = JST connector, suitable for 24V
and up.
2. R&N are measured at 20 MHz bandwidth with a 47µF electrolytic capacitor and a 0.1µF ceramic capacitor in parallel.
3. All models are equipped with 5Vsb & 12V fan outputs.
MODELS LIST
.
o
N
t
c
u
d
o
r
P
)
1
(
t
u
p
t
u
O
e
g
a
t
l
o
V
d
a
o
L
.
x
a
M
t
u
p
t
u
O
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
)
p
-
p
V
(
)
2
(
y
b
d
n
a
t
S
y
l
p
p
u
S
t
u
p
t
u
O
n
a
F
t
u
p
t
u
O
.
x
a
M
@
r
e
w
o
P
n
o
i
t
c
e
v
n
o
C
.
x
a
M
r
e
w
o
P
t
u
p
t
u
O
M
F
C
8
1
@
n
o
i
t
c
e
v
n
o
C
@
M
F
C
8
1
@
2
1
-
0
8
2
M
W
T
V
2
1
+A
5
.
7
1A
3
3
.
3
2%
3
±V
m
0
5
1A
5
.
0
/
V
5A
3
.
0
/
V
2
1W
0
1
2W
0
8
2
4
2
-
0
8
2
M
W
T
V
4
2
+A
5
7
.
8A
6
6
.
1
1%
3
±V
m
0
4
2A
5
.
0
/
V
5A
3
.
0
/
V
2
1W
0
1
2W
0
8
2
8
2
-
0
8
2
M
W
T
V
8
2
+A
5
.
7A
0
1%
2
±V
m
0
8
2A
5
.
0
/
V
5A
3
.
0
/
V
2
1W
0
1
2W
0
8
2
8
4
-
0
8
2
M
W
T
V
8
4
+A
5
7
3
.
4A
3
8
.
5%
2
±V
m
0
0
3A
5
.
0
/
V
5A
3
.
0
/
V
2
1W
0
1
2W
0
8
2
4
5
-
0
0
5
M
W
T
V
4
5
+A
8
8
.
3A
8
1
.
5%
2
±V
m
0
0
4A
5
.
0
/
V
5A
3
.
0
/
V
2
1W
0
1
2W
0
8
2


Similar Part No. - TWM280

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-12 TRUMPOWER-TWM200-12 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-16 TRUMPOWER-TWM200-16 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-19 TRUMPOWER-TWM200-19 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TWM200-20 TRUMPOWER-TWM200-20 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
More results

Similar Description - TWM280

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TW360 TRUMPOWER-TW360 Datasheet
1Mb / 4P
360W ITE Grade AC/DC Power Supplies
TW500 TRUMPOWER-TW500 Datasheet
414Kb / 4P
500W ITE Grade AC/DC Power Supplies
TWC150 TRUMPOWER-TWC150 Datasheet
83Kb / 2P
150W ITE Grade AC/DC Switching Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
Medical and ITE Grade 300W AC/DC Power Adapters
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
300 Watts AC/DC Medical and ITE Grade Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com