Electronic Components Datasheet Search
  English  ▼

X  

PMB8680 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PMB8680
Description  Dual-Band RF Transceiver for WLAN System Solutions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMB8680 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PMB8680 Datasheet HTML 1Page - Infineon Technologies AG PMB8680 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WirelessLAN
Never
stop
think i ng.
P RO DU C T
B RIEF
Features
■
0.25 µm BiCMOS technology
■
3-wire bus control
■
Supply voltage 3.0 ... 3.6 V
■
Alternative direct supply of regulated supply voltage
2.5 ... 2.7 V
■
2 integrated voltage regulators (LDO)
■
Power down modes
■
Operational temperature -30 ... +85°C
■
Frequency bands: 2.4 - 2.5 GHz /5.15 - 5.875 GHz
■
Small size VQFN-48 package (7x7x0.9 mm)
Applications
■
High data-rate wireless LAN
■
PC card wireless LAN adapters
■
(Mini) PCI wireless LAN cards
■
CardBus wireless LAN adapters
■
Compact flash wireless LAN cards
■
USB wireless LAN adapters
■
Wireless LAN modules, access points, bridge
products, and point-to-multipoint systems
PMB
8680
Dual-B and RF T r an s c eiv e r
Dual-Band RF Transceiver for
WLAN System Solutions
The PMB 8680 is a low power, high performance
dual-band RF Transceiver for IEEE Wireless LAN
Standards 802.11a, 11b and 11g.
The PMB 8680 is designed to form an Infineon
WLAN chipset in combination with the PMB 8787
Baseband PHY IC, the PMB 8825 dual-band Power
Amplifier and the PMB 8789 MAC IC.
This highly integrated solution together with low
external component requirement (low Bill of
Material) shortens time to market.


Similar Part No. - PMB8680

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB8118LAP ERICSSON-PMB8118LAP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8118NAP ERICSSON-PMB8118NAP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8218GP ERICSSON-PMB8218GP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8218HP ERICSSON-PMB8218HP Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB8419P ERICSSON-PMB8419P Datasheet
1Mb / 32P
DC/DC regulator Input 8.3 - 16 V Output 16 A
More results

Similar Description - PMB8680

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB8787 INFINEON-PMB8787 Datasheet
150Kb / 2P
Dual-Band Modem IC (PHY) for WLAN System Solutions
2003
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
PMB8825 INFINEON-PMB8825 Datasheet
188Kb / 2P
Dual-Band Power Amplifier for WLAN Systems
2003
logo
List of Unclassifed Man...
AM119 ETC-AM119 Datasheet
161Kb / 3P
Dual-Band WLAN Dual Diplexer
logo
STMicroelectronics
STLC8100 STMICROELECTRONICS-STLC8100 Datasheet
79Kb / 5P
DUAL BAND WIRELESS LAN RF TRANSCEIVER
Oct-2004
logo
Pulse A Technitrol Comp...
W1039B030 PULSE-W1039B030 Datasheet
137Kb / 1P
Dual Band WLAN Antenna
W3079 PULSE-W3079 Datasheet
1Mb / 12P
Ceramic Dual Band WLAN
logo
Analog Devices
ADRV9004 AD-ADRV9004 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
5/2021-Revision 0
ADRV9002 AD-ADRV9002 Datasheet
11Mb / 92P
Dual Narrow-Band and Wideband RF Transceiver
4/2021-Revision 0
logo
Realtek Semiconductor C...
RTL8225 REALTEK-RTL8225 Datasheet
828Kb / 18P
IEEE 802.11g WLAN RF TRANSCEIVER
08 May 2005 Rev. 0.9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com